Electronic Components Datasheet Search
  English  ▼

X  

MCP9700AT-H/TT Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP9700AT-H/TT
Description  Low-Power Linear Active Thermistor??ICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700AT-H/TT Datasheet(HTML) 4 Page - Microchip Technology

  MCP9700AT-H/TT Datasheet HTML 1Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 2Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 3Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 4Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 5Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 6Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 7Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 8Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MCP9700/9700A and MCP9701/9701A
DS21942E-page 4
© 2009 Microchip Technology Inc.
M
Typical Load Capacitance
CLOAD
—
—
1000
pF
The MCP9700/9700A and
MCP9701/9701A family is
characterized and produc-
tion tested with a capacitive
load of 1000 pF.
SC-70 Thermal Response to 63%
tRES
—
1.3
—
s
30°C (Air) to +125°C
(Fluid Bath) (Note 3)
TO-92 Thermal Response to 63%
tRES
—1.65
—
s
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated:
MCP9700/9700A: VDD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125°C and No load.
MCP9701/9701A: VDD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125°C and No load.
Parameter
Sym
Min
Typ
Max
Unit
Conditions
Note 1: The MCP9700/9700A family accuracy is tested with VDD = 3.3V, while the MCP9701/9701A accuracy is
tested with VDD = 5.0V.
2: The MCP9700/9700A and MCP9701/9701A family is characterized using the first-order or linear equation,
as shown in Equation 4-2. Also refer to Figure 2-16.
3: SC70-5 package thermal response with 1x1 inch, dual-sided copper clad, TO-92-3 package thermal
response without PCB (leaded).
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated:
MCP9700/9700A: VDD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125°C and No load.
MCP9701/9701A: VDD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125°C and No load.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (Note 1)
TA
-40
—
+125
°C
MCP9700/9700A
TA
-10
—
+125
°C
MCP9701/9701A
TA
-40
—
+150
°C
High Temperature,
MCP9700 only
Operating Temperature Range
TA
-40
—
+125
°C
Extended Temperature
TA
-40
—
+150
°C
High Temperature
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5LD SC70
θJA
—331
—
°C/W
Thermal Resistance, 3LD SOT-23
θJA
—308
—
°C/W
Thermal Resistance, 3LD TO-92
θJA
—146
—
°C/W
Note 1: Operation in this range must not cause TJ to exceed Maximum Junction Temperature (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com