Electronic Components Datasheet Search
  English  ▼

X  

MCP9700AT-H/TT Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP9700AT-H/TT
Description  Low-Power Linear Active Thermistor??ICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700AT-H/TT Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP9700AT-H/TT Datasheet HTML 3Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 4Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 5Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 6Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 7Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 8Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 9Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 10Page - Microchip Technology MCP9700AT-H/TT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2009 Microchip Technology Inc.
DS21942E-page 7
MCP9700/9700A and MCP9701/9701A
Note: Unless otherwise indicated, MCP9700/9700A: VDD = 2.3V to 5.5V; MCP9701/9701A: VDD = 3.1V to 5.5V;
GND = Ground, Cbypass = 0.1 µF.
FIGURE 2-13:
Output Voltage vs. Power
Supply.
FIGURE 2-14:
Output vs. Settling Time to
step VDD.
FIGURE 2-15:
Thermal Response (Air to
Fluid Bath).
FIGURE 2-16:
Output Voltage vs. Ambient
Temperature.
FIGURE 2-17:
Output vs. Settling Time to
Ramp VDD.
FIGURE 2-18:
Output Impedance vs.
Frequency.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VDD (V)
TA = +26°C
0
2
4
6
8
10
12
Time (ms)
-2.5
-1.7
-0.8
0.0
0.8
1.7
2.5
VDD_STEP = 5V
TA = 26°C
IDD
VOUT
30
55
80
105
130
-2
0
2
4
6
8
10
12
14
16
18
Time (s)
SC70-5
1 in. x 1 in. Copper Clad PCB
Leaded, without PCB
SC70-5
SOT-23-3
TO-92-3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
255075
100
125
TA (°C)
MCP9700
MCP9700A
MCP9701
MCP9701A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Time (ms)
-42.0
-30.0
-18.0
-6.0
6.0
18.0
30.0
IDD
VOUT
VDD_RAMP = 5V/ms
TA = +26°C
1
10
100
1000
0.1
1
10
100
1000
10000 100000
Frequency (Hz)
VDD = 5.0V
IOUT = 100 µA
TA = +26°C
1k
10k
100k
100
10
1
0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com