Electronic Components Datasheet Search
  English  ▼

X  

MCP1802 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1802
Description  300 mA, High PSRR, Low Quiescent Current LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1802 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1802 Datasheet HTML 1Page - Microchip Technology MCP1802 Datasheet HTML 2Page - Microchip Technology MCP1802 Datasheet HTML 3Page - Microchip Technology MCP1802 Datasheet HTML 4Page - Microchip Technology MCP1802 Datasheet HTML 5Page - Microchip Technology MCP1802 Datasheet HTML 6Page - Microchip Technology MCP1802 Datasheet HTML 7Page - Microchip Technology MCP1802 Datasheet HTML 8Page - Microchip Technology MCP1802 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22053B-page 5
MCP1802
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated: VR = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VR + 1.0V, SOT-23-5.
Note: Junction Temperature (TJ) is approximated by soaking the device under test to an ambient temperature equal to the desired junction temperature.
The test time is small enough such that the rise in Junction temperature over the Ambient temperature is not significant.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage.
FIGURE 2-2:
Quiescent Current vs. Input
Voltage.
FIGURE 2-3:
Quiescent Current vs. Input
Voltage.
FIGURE 2-4:
Ground Current vs Load
Current.
FIGURE 2-5:
Ground Current vs Load
Current.
FIGURE 2-6:
Quiescent Current vs. Junction
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
20.00
21.00
22.00
23.00
24.00
25.00
26.00
2468
10
Input Voltage (V)
VOUT = 0.9V
IOUT = 0 µA
+25°C
-45°C
0°C
+90°C
24.00
25.00
26.00
27.00
28.00
29.00
4567
8
9
10
Input Voltage (V)
VOUT = 3.3V
IOUT = 0 µA
+25°C
-45°C
0°C
+90°C
25.00
26.00
27.00
28.00
29.00
30.00
31.00
77.5
8
8.5
99.5
10
Input Voltage (V)
VOUT = 6.0V
IOUT = 0 µA
+25°C
-45°C
0°C
+90°C
0
10
20
30
40
50
60
70
80
0
30
60
90
120
150
Load Current (mA)
VOUT = 0.9V
VIN = 2.0V
20
30
40
50
60
70
80
90
0
25
50
75
100
125
150
Load Current (mA)
VOUT = 6.0V
VIN = 7.0V
VOUT = 3.3V
VIN = 4.3V
20.00
22.00
24.00
26.00
28.00
30.00
-45
-22.5
0
22.5
45
67.5
90
Junction Temperature (°C)
IOUT = 0mA
VOUT = 0.9V
VIN = 2.0V
VOUT = 6.0V
VIN = 7.0V
VOUT = 3.3V
VIN = 4.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com