Electronic Components Datasheet Search
  English  ▼

X  

MCP1802 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1802
Description  300 mA, High PSRR, Low Quiescent Current LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1802 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1802 Datasheet HTML 3Page - Microchip Technology MCP1802 Datasheet HTML 4Page - Microchip Technology MCP1802 Datasheet HTML 5Page - Microchip Technology MCP1802 Datasheet HTML 6Page - Microchip Technology MCP1802 Datasheet HTML 7Page - Microchip Technology MCP1802 Datasheet HTML 8Page - Microchip Technology MCP1802 Datasheet HTML 9Page - Microchip Technology MCP1802 Datasheet HTML 10Page - Microchip Technology MCP1802 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22053B-page 7
MCP1802
Note: Unless otherwise indicated: VR = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VR + 1.0V, SOT-23-5.
FIGURE 2-13: Dropout Voltage vs. Load
Current.
FIGURE 2-14: Dropout Voltage vs. Load
Current.
FIGURE 2-15: Dynamic Line Response.
FIGURE 2-16: Dynamic Line Response.
FIGURE 2-17: Short Circuit Current vs. Input
Voltage.
FIGURE 2-18: Load Regulation vs.
Temperature.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
25
50
75
100
125
150
Load Current (mA)
VOUT = 3.3V
+25°C
+0°C
-45°C
+90°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
25
50
75
100
125
150
Load Current (mA)
VOUT = 6.0V
+25°C
+0°C
-45°C
+90°C
0
20
40
60
80
100
120
140
160
0123
4
5
6
789
10
Input Voltage (V)
VOUT = 3.3V
ROUT < 0.1Ω
-1.90
-1.80
-1.70
-1.60
-1.50
-1.40
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 0.9V
IOUT = 0.1 mA to 150 mA
VIN = 6V
VIN = 4V
VIN = 10V
VIN = 8V
VIN = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com