Electronic Components Datasheet Search
  English  ▼

X  

MCP1415 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1415
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1415 Datasheet HTML 1Page - Microchip Technology MCP1415 Datasheet HTML 2Page - Microchip Technology MCP1415 Datasheet HTML 3Page - Microchip Technology MCP1415 Datasheet HTML 4Page - Microchip Technology MCP1415 Datasheet HTML 5Page - Microchip Technology MCP1415 Datasheet HTML 6Page - Microchip Technology MCP1415 Datasheet HTML 7Page - Microchip Technology MCP1415 Datasheet HTML 8Page - Microchip Technology MCP1415 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MCP1415/16
DS22092C-page 4
© 2008 Microchip Technology Inc.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, over operating range with 4.5V
≤ V
DD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-10
—
+10
µA
0V
≤ V
IN ≤ VDD
Input Voltage
VIN
-5
—
VDD+0.3
V
Output
High Output Voltage
VOH
VDD - 0.025
—
—
V
DC Test
Low Output Voltage
VOL
—
—
0.025
V
DC Test
Output Resistance, High
ROH
—8.5
9.5
Ω
IOUT =10mA, VDD = 18V
(Note 2)
Output Resistance, Low
ROL
—6
7
Ω
IOUT =10mA, VDD = 18V
(Note 2)
Switching Time (Note 1)
Rise Time
tR
—30
40
ns
Figure 4-1, Figure 4-2
CL =1000pF (Note 2)
Fall Time
tF
—30
40
ns
Figure 4-1, Figure 4-2
CL =1000pF (Note 2)
Delay Time
tD1
—45
55
ns
Figure 4-1, Figure 4-2
(Note 2)
Delay Time
tD2
—50
60
Figure 4-1, Figure 4-2
(Note 2)
Power Supply
Supply Voltage
VDD
4.5
—
18
V
Power Supply Current
IS
—
0.75
1.5
mA
VIN =3.0V
IS
—0.15
0.25
mA
VIN =0V
Note 1: Switching times ensured by design.
2: Tested during characterization, not production tested.
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
≤ V
DD ≤ 18V
Parameter
Sym
Min
Typ
Max
Units
Comments
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Storage Temperature Range
TA
-65
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 5LD SOT23
θ
JA
—256
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com