Electronic Components Datasheet Search
  English  ▼

X  

MCP1415 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1415
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1415 Datasheet HTML 2Page - Microchip Technology MCP1415 Datasheet HTML 3Page - Microchip Technology MCP1415 Datasheet HTML 4Page - Microchip Technology MCP1415 Datasheet HTML 5Page - Microchip Technology MCP1415 Datasheet HTML 6Page - Microchip Technology MCP1415 Datasheet HTML 7Page - Microchip Technology MCP1415 Datasheet HTML 8Page - Microchip Technology MCP1415 Datasheet HTML 9Page - Microchip Technology MCP1415 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCP1415/16
DS22092C-page 6
© 2008 Microchip Technology Inc.
Typical Performance Curves (Continued)
Note: Unless otherwise indicated, T
A = +25°C with 4.5V ≤ VDD ≤ =18V.
FIGURE 2-7:
Propagation Delay Time vs.
Supply Voltage.
FIGURE 2-8:
Propagation Delay Time vs.
Temperature.
FIGURE 2-9:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-10:
Quiescent Current vs.
Temperature.
FIGURE 2-11:
Input Threshold vs. Supply
Voltage.
FIGURE 2-12:
Input Threshold vs.
Temperature.
35
45
55
65
75
85
95
105
115
4
6
8
1012
14
1618
Supply Voltage (V)
tD2
tD1
30
35
40
45
50
55
60
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
tD2
tD1
VDD = 18V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
4
6
8
10
12
141618
Supply Voltage (V)
Input = 1
Input = 0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
Input = 1
Input = 0
VDD = 18V
0.5
1.0
1.5
2.0
2.5
3.0
4
6
8
10
12
141618
Supply Voltage (V)
VLO
VHI
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
VLO
VHI
VDD = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com