Electronic Components Datasheet Search
  English  ▼

X  

RE46C107 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C107
Description  DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C107 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C107 Datasheet HTML 1Page - Microchip Technology RE46C107 Datasheet HTML 2Page - Microchip Technology RE46C107 Datasheet HTML 3Page - Microchip Technology RE46C107 Datasheet HTML 4Page - Microchip Technology RE46C107 Datasheet HTML 5Page - Microchip Technology RE46C107 Datasheet HTML 6Page - Microchip Technology RE46C107 Datasheet HTML 7Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R&E International
A Subsidiary of Microchip Technology Inc.
RE46C120
CMOS Ionization Smoke Detector ASIC
Product Specification
© 2009 Microchip Technology Inc.
DS22157A-page 1
General Description
The RE46C120 is a low power CMOS ionization type
smoke detector IC. With a few external components
this circuit will provide all the required features for an
ionization type smoke detector.
An internal oscillator strobes power to the smoke
detection circuitry for 10.5mS every 1.66 seconds to
keep standby current to a minimum. A check for a low
battery condition is performed every 40 seconds when
in standby. The TONE input allows for selection of a
temporal pattern or a 2/3 duty cycle continuous tone.
The temporal horn pattern supports the NFPA 72
emergency evacuation signal.
Although this device was designed for smoke detection
utilizing an ionization chamber it could be used in a
variety of security applications.
Utilizing low power CMOS technology the RE46C120
was designed for use in smoke detectors that comply
with Underwriters Laboratory Specification UL217 and
UL268.
Features
•
Guard Outputs for Ion Detector Input
•
+/-0.75pA Detect Input Current
•
Internal Reverse Battery Protection
•
Internal Low Battery Detection
•
Pin Selectable Horn Pattern
•
Low Quiescent Current Consumption (<6.5uA)
•
16L PDIP
•
ESD Protection on all Pins
•
Compatible with MC145017, MC14467
•
Available in RoHS Compliant Pb Free Packaging
Pin Configuration
16
DETCOMP
GUARD2
1
2
DETECT
N/C
15
3
GUARD1
LBADJ
14
4
VSEN
TONE
13
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNITS
Supply Voltage
VDD
15
V
Input Voltage Range Except FEED
Vin
-.3 to Vdd +.3
V
FEED Input Voltage Range
Vinfd
-10 to +22
V
Reverse Battery Time
TRB
5
S
Input Current except FEED
Iin
10
MA
Operating Temperature
TA
-10 to 60
°C
Storage Temperature
TSTG
-55 to 125
°C
Maximum Junction Temperature
TJ
150
°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are
stress ratings only and operation at these conditions for extended periods may affect device reliability.
This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be used
when handling this product. Damage can occur when exposed to extremely high static electrical charge
5
OSCAP
12
LED
VDD
RBIAS
FEED
6
HS
11
7
HB
10
VSS
8
9


Similar Part No. - RE46C107

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C107 MICROCHIP-RE46C107 Datasheet
127Kb / 9P
DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C107S16F MICROCHIP-RE46C107S16F Datasheet
127Kb / 9P
DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
More results

Similar Description - RE46C107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3210 MAXIM-MAXQ3210 Datasheet
451Kb / 28P
Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Rev 1; 5/06
logo
Microchip Technology
RE46C117 MICROCHIP-RE46C117 Datasheet
214Kb / 6P
DC to DC Converter and Piezoelectric Horn Driver
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
Piezoelectric Horn Driver and Voltage Converter
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C119 MICROCHIP-RE46C119 Datasheet
176Kb / 9P
Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
RE46C107S16F MICROCHIP-RE46C107S16F Datasheet
127Kb / 9P
DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com