Electronic Components Datasheet Search
  English  ▼

X  

RE46C107 Datasheet(PDF) 2 Page - Microchip Technology

Part # RE46C107
Description  DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C107 Datasheet(HTML) 2 Page - Microchip Technology

  RE46C107 Datasheet HTML 1Page - Microchip Technology RE46C107 Datasheet HTML 2Page - Microchip Technology RE46C107 Datasheet HTML 3Page - Microchip Technology RE46C107 Datasheet HTML 4Page - Microchip Technology RE46C107 Datasheet HTML 5Page - Microchip Technology RE46C107 Datasheet HTML 6Page - Microchip Technology RE46C107 Datasheet HTML 7Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RE46C120
CMOS Ionization Smoke Detector ASIC
R&E International
Product Specification
A Subsidiary of Microchip Technology Inc.
© 2009 Microchip Technology Inc.
DS22157A-page 2
DC Electrical Characteristics at TA = 25°C, VDD=9V, VSS=0V (unless otherwise noted)
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
6
Operating
6
12
V
IDD1
6
RBIAS=8.2MΩ, OSCAP=.1uF
4.5
6.5
uA
Supply Current
IDD2
6
RBIAS=8.2MΩ, OSCAP=.1uF;Vdd=12V
9
uA
Input Voltage High
VIH
4,8
6.2
4.5
V
Input Voltage Low
VIL
4,8
4.5
2.7
V
ILDET1
15
VDD=9V, DETECT=VSS, 0-40% RH
-0.75
pA
ILDET2
15
VDD=9V, DETECT=VSS, 85% RH
Note 1
-1.50
pA
ILTONE
4
TONE=VSS, RBIAS=8.2MΩ,
-100
-450
nA
Input Leakage Low
ILFD
8
FEED=-10V
-50
uA
IHDET1
15
VDD=9V, DETECT=VDD, 0-40% RH
0.75
pA
IHDET2
15
VDD=9V, DETECT=VDD, 85% RH
Note 1
1.50
pA
Input Leakage High
IHFD
8
FEED=22V
50
uA
Output Off Leakage High
IOHZ
5
LED Off
1
uA
VOH1
10,11
IOH=-16mA, VDD=7.2V
6.3
V
Output Voltage High
VOH2
1
IOH=-30ua
8.5
V
VOL1
10,11
IOL=16mA, VDD=7.2V
.9
V
VOL2
1
IOL=30ua
.5
V
Output Voltage Low
VOL3
5
IOL=10mA, VDD=7.2V
3
V
Low Battery Voltage
VLB
6
TA=-10 to 60ºC, Note 3
7.2
7.5
7.8
V
VSET1
13
47
50
53
%VDD
Internal Sensitivity Set Voltage
VSET2
3
65.5
%VDD
VGOS1
14,15
Guard Amplifier
-50
50
mV
VGOS2
15,16
Guard Amplifier
-50
50
mV
Offset Voltage
VGOS3
13,15
Smoke Comparator
-50
50
mV
VCM1
14,15
Guard Amplifier, Note 2
2
VDD-.5
V
Common Mode Voltage
VCM2
13,15
Smoke Comparator, Note 2
.5
VDD-2
V
Output Impedance
ZOUT
14,16
Guard Amplifier Outputs, Note 2
10
k
Ω
Hysteresis
VHYS
13
No Alarm to Alarm Condition
90
130
170
mV
Note 1: Sample test only
Note 2: Not 100% production tested
Note 3: Production test at room with temperature guardbanded limits.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com