Electronic Components Datasheet Search
  English  ▼

X  

TLP3203 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP3203
Description  PHOTOCOUPLER PHOTO RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3203 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3203 Datasheet HTML 1Page - Toshiba Semiconductor TLP3203 Datasheet HTML 2Page - Toshiba Semiconductor TLP3203 Datasheet HTML 3Page - Toshiba Semiconductor TLP3203 Datasheet HTML 4Page - Toshiba Semiconductor TLP3203 Datasheet HTML 5Page - Toshiba Semiconductor TLP3203 Datasheet HTML 6Page - Toshiba Semiconductor TLP3203 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP3203
2008-09-09
4
I F ─ Ta
I ON ─ Ta
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
-20
0
20
40
60
80
100
120
0
200
400
600
800
1000
1200
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
I F ─ VF
I ON ─ VON
0.6
0.8
1
1.2
1.4
1.6
1.8
0.1
1
10
100
0.3
0.5
3
5
50
30
-0.2
-0.1
0
0.1
0.2
-1200
-800
-400
0
400
800
1200
Forward voltage VF (V)
On-sate voltage VON (V)
R ON ─ Ta
I FT ─ Ta
-40
-20
0
20406080
100
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-40
-20
0
20406080
100
0
1
2
3
4
5
6
7
8
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
Ta = 25℃
IF = 5 mA
Ta = 25℃
ION = 900 mA
IF = 5 mA
t < 1 s
ION = 100 mA
t < 1 s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com