Electronic Components Datasheet Search
  English  ▼

X  

TLP3203 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3203
Description  PHOTOCOUPLER PHOTO RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3203 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3203 Datasheet HTML 1Page - Toshiba Semiconductor TLP3203 Datasheet HTML 2Page - Toshiba Semiconductor TLP3203 Datasheet HTML 3Page - Toshiba Semiconductor TLP3203 Datasheet HTML 4Page - Toshiba Semiconductor TLP3203 Datasheet HTML 5Page - Toshiba Semiconductor TLP3203 Datasheet HTML 6Page - Toshiba Semiconductor TLP3203 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP3203
2008-09-09
1
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3203
Measuring Instruments
Logic IC Testers / Memory Testers
Board Testers / Scanners
Power Supply
The TOSHIBA TLP3203 is an ultra-small photorelay suitable for
surface-mount assembly. The TLP3203 consists of a GaAs
infrared-emitting diode optically coupled to a photo-MOSFET and is
housed in a 4-pin package.
The TLP3203 features low CR multiplication and extremely low On-state
resistance, allowing high On-state current.
Its features also include low Off-state current and low output pin
capacitance, enabling it to be used for high-frequency measuring
instrument applications.
Features
• 4-pin SSOP (SSOP4): 1.8-mm high, 1.27-mm pitch
• 1-Form-A
• Peak Off-State Voltage: 20 V (min)
• Trigger LED Current: 3 mA (max)
• On-State Current: 0.9 A (max)
• On-State Resistance: 0.22 Ω (max), 0.18 Ω (typ.)
• Output Capacitance: 40 pF (typ.)
• Isolation Voltage: 1500 Vrms (min)
Pin Configuration (Top View)
Schematic
1 : ANODE
2 : CATHODE
3 : DRAIN
4 : DRAIN
1
2
4
3
1
2
4
3
Unit: mm
4.2
①
②
④
③
3.65
0.2
0.2
3.8
0.3
φ
1.4
(0.46)
2.04
1.27
1.9
JEDEC
―
JEITA
―
TOSHIBA
11-2B1
Weight: 0.03 g (typ.)


Similar Part No. - TLP3203

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP320 TOSHIBA-TLP320 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP320-2 TOSHIBA-TLP320-2 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP320-2 TOSHIBA-TLP320-2 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
logo
List of Unclassifed Man...
TLP320-3 ETC1-TLP320-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
More results

Similar Description - TLP3203

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
PHOTOCOUPLER PHOTO RELAY
TLP594G TOSHIBA-TLP594G Datasheet
136Kb / 4P
Photocoupler Photo Relay
25-Sep-2002
TLP179D TOSHIBA-TLP179D Datasheet
125Kb / 4P
PHOTOCOUPLER PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3214 TOSHIBA-TLP3214_08 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3216 TOSHIBA-TLP3216_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3230 TOSHIBA-TLP3230_08 Datasheet
185Kb / 7P
PHOTOCOUPLER PHOTO RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com