Electronic Components Datasheet Search
  English  ▼

X  

TPC6902 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC6902
Description  Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6902 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC6902 Datasheet HTML 1Page - Toshiba Semiconductor TPC6902 Datasheet HTML 2Page - Toshiba Semiconductor TPC6902 Datasheet HTML 3Page - Toshiba Semiconductor TPC6902 Datasheet HTML 4Page - Toshiba Semiconductor TPC6902 Datasheet HTML 5Page - Toshiba Semiconductor TPC6902 Datasheet HTML 6Page - Toshiba Semiconductor TPC6902 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC6902
2009-09-10
3
Electrical Characteristics (Ta = 25°C) : NPN
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 60 V, IE = 0
⎯
⎯
100
nA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
⎯
⎯
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
30
⎯
⎯
V
hFE (1)
VCE = 2 V, IC = 0.2 A
200
⎯
500
hFE (2)
VCE = 2 V, IC = 0.6 A
125
⎯
⎯
DC current gain
hFE (3)
VCE = 2 V, IC = 2 A
50
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 0.6 A, IB = 20 mA
⎯
⎯
0.14
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.6 A, IB = 20 mA
⎯
⎯
1.1
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
14
⎯
pF
Rise time
tr
⎯
45
⎯
Storage time
tstg
⎯
580
⎯
Switching time
Fall time
tf
See Figure 1 circuit diagram.
VCC ≈ 18 V, RL = 30 Ω
IB1 = IB2 = 20 mA
⎯
45
⎯
ns
Electrical Characteristics (Ta = 25°C) : PNP
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = - 30 V, IE = 0
⎯
⎯
- 100
nA
Emitter cut-off current
IEBO
VEB = - 7 V, IC = 0
⎯
⎯
- 100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = - 10 mA, IB = 0
-30
⎯
⎯
V
hFE (1)
VCE = - 2 V, IC = - 0.2 A
200
⎯
500
hFE (2)
VCE = - 2 V, IC = - 0.6 A
125
⎯
⎯
DC current gain
hFE (3)
VCE = - 2 V, IC = -2A
50
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = - 0.6 A, IB = - 20 mA
⎯
⎯
- 0.2
V
Base-emitter saturation voltage
VBE (sat)
IC = - 0.6 A, IB = - 20 mA
⎯
⎯
- 1.1
V
Collector output capacitance
Cob
VCB = - 10 V, IE = 0, f = 1 MHz
⎯
16.5
⎯
pF
Rise time
tr
⎯
40
⎯
Storage time
tstg
⎯
280
⎯
Switching time
Fall time
tf
See Figure 2 circuit diagram.
VCC ≈ - 18V, RL = 30 Ω,
IB1 = IB2 = 20 mA
⎯
40
⎯
ns
Figure 1 Switching Time Test Circuit &
Timing Chart (NPN)
Figure 2 Switching Time Test Circuit &
Timing Chart (PNP)
Duty cycle
< 1%
Output
Input
IB2
IB1
VCC
RL
Output
Input
IB2
IB1
VCC
RL
Duty cycle
< 1%
20
μs
IB1
IB2
0
20
μs
IB1
IB2
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com