Electronic Components Datasheet Search
  English  ▼

X  

TPC8405 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8405
Description  Field Effect Transistor Silicon N, P Channel MOS Type (P Channel U−MOS IV/N Channel U-MOS III)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8405 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8405 Datasheet HTML 1Page - Toshiba Semiconductor TPC8405 Datasheet HTML 2Page - Toshiba Semiconductor TPC8405 Datasheet HTML 3Page - Toshiba Semiconductor TPC8405 Datasheet HTML 4Page - Toshiba Semiconductor TPC8405 Datasheet HTML 5Page - Toshiba Semiconductor TPC8405 Datasheet HTML 6Page - Toshiba Semiconductor TPC8405 Datasheet HTML 7Page - Toshiba Semiconductor TPC8405 Datasheet HTML 8Page - Toshiba Semiconductor TPC8405 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPC8405
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type
(P Channel U−MOS IV/N Channel U-MOS III)
TPC8405
Lithium Ion Secondary Battery Applications
Portable Equipment Applications
Notebook PC Applications
Low drain-source ON resistance : P Channel RDS (ON) = 25 mΩ (typ.)
N Channel RDS (ON) = 20 mΩ (typ.)
High forward transfer admittance : P Channel |Yfs| = 12S (typ.)
N Channel |Yfs| = 14S (typ.)
Low leakage current : P Channel IDSS = −10 μA (VDS = −30 V)
N Channel IDSS = 10 μA (VDS = 30 V)
Enhancement-mode
: P Channel Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
N Channel Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Rating
Characteristics
Symbol
P Channel N Channel
Unit
Drain-source voltage
VDSS
−30
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−30
30
V
Gate-source voltage
VGSS
±20
±20
V
DC
(Note 1)
ID
−4.5
6
Drain current
Pulse
(Note 1)
IDP
−18
24
A
Single-device operation
(Note 3a)
PD (1)
1.5
1.5
Drain power
dissipation
(t = 10s)
(Note 2a)
Single-device value at
dual operation (Note 3b)
PD (2)
1.1
1.1
Single-device operation
(Note 3a)
PD (1)
0.75
0.75
Drain power
dissipation
(t = 10s)
(Note 2b)
Single-device value at
dual operation (Note 3b)
PD (2)
0.45
0.45
W
Single pulse avalanche energy
EAS
13.2
(Note 4a)
23.4
(Note 4b)
mJ
Avalanche current
IAR
−4.5
6
A
Repetitive avalanche energy
Single-device value at operation
(Note 2a, 3b, 5)
EAR
0.1
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 5, refer to the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-6J1E
Weight: 0.080 g (typ.)
Circuit Configuration


Similar Part No. - TPC8405

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
17-May-2002
TPC8402 TOSHIBA-TPC8402 Datasheet
719Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
07-May-2002
TPC8403 TOSHIBA-TPC8403 Datasheet
309Kb / 11P
Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8403 TOSHIBA-TPC8403_06 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPC8405

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8102 TOSHIBA-TPCF8102 Datasheet
224Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
26-Sep-2003
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
18-Aug-2003
TPC8112 TOSHIBA-TPC8112 Datasheet
258Kb / 4P
Field Effect Transistor Silicon P Channel MOS Type(U-MOS III)
TPCF8302 TOSHIBA-TPCF8302 Datasheet
273Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
16-Nov-2006
TPCF8304 TOSHIBA-TPCF8304 Datasheet
260Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS IV)
17-Nov-2006
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8025 TOSHIBA-TPC8025 Datasheet
191Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com