Electronic Components Datasheet Search
  English  ▼

X  

DM13A Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM13A
Description  16-bit Constant Current LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13A Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM13A Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 13Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 14Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 15Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 16Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver
Version:A.003
Page 12
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13A
Outputs Delay
Large in-rush currents will occur when the system activates all the outputs at once. To reduce
this effect, DM13A is designed to have a constant unit of delay (around 5ns) between outputs. The
delay sequence for every output goes like this: OUT0 (no delay)
OUT15
OUT1
OUT14
OUT2
OUT13
OUT3
OUT12
OUT4
OUT11
OUT5
OUT10
OUT6
OUT9
OUT7
OUT8 (the largest delay).
Global Brightness Control
DM13A has no built-in global brightness control feature. In order to obtain a lower resolution
of global brightness control effect, two methods could be utilized. One is providing PWM signal
synchronized on latch pulse to modulate the output enable terminal (EN pin). The other is to adjust
the Rrext value or voltage drop across the external resistor. Please see the reference circuit below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com