Electronic Components Datasheet Search
  English  ▼

X  

DM13A Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM13A
Description  16-bit Constant Current LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13A Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM13A Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver
Version:A.003
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13A
DM13A
16-bit Constant Current LED Driver
General Description
DM13A is a constant-current sink driver specifically designed for LED display applications.
The device incorporates shift registers, data latches, and constant current circuitry on the silicon
CMOS chip. The maximum output current value of all 16 channels is adjustable by a single external
resistor.
Features
Constant-current outputs: 3mA to 60mA adjustable by one external resistor
Maximum output voltage: 17V
Maximum clock frequency: 25MHz
Power supply voltage: 3.3V to 5V
In-rush current control
Bit-to-bit skew :
± 3 %
Chip-to-chip skew :
± 6 %
Package and pin assignment compatible to conventional LED drivers (ST2221C, DM134/5/6)
Applications
Indoor/Outdoor LED Video Display
LED Variable Message Signs (VMS) System
Package Types
PDIP24, SOP24, SOP24B, SSOP24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com