Electronic Components Datasheet Search
  English  ▼

X  

DM412 Datasheet(PDF) 11 Page - Silicon Touch Technology Inc.

Part # DM412
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM412 Datasheet(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DM412 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 15Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.003
Page 10
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM412
Output Modulation Technique
In order to minimize the harmonic noise and increasing current accuracy, DM412 provides a
new LED drive technique of output modulation. It mixes traditional Pulse Width Modulation (PWM)
represented by MSB 8 bit (Bit[15:8]) with Bit Angle Modulation (BAM) represented by LSB 8 bit
(Bit[7:0]). The main benefit of BAM is to drive LED with an equivalent multiple frequencies in the
lower intensity of LED light output. Each bit of BAM binary code is effectively allocated a fixed
width of phase angles within a modulation cycle. The reference table shows the ratio defined by the
binary significance of each bit:
bit
weighted width
7
256
6
128
5
64
4
32
3
16
2
8
1
4
0
1
The relationships between BAM and PWM in the time domain can be refer to the diagram (not to
scale) below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com