Electronic Components Datasheet Search
  English  ▼

X  

DM412 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # DM412
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM412 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM412 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.003
Page 5
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM412
Maximum Ratings (Ta=25°C, Tj(max) = 140°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.3 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VCC+0.3
V
Output Current
IOUT
200
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Input Clock Frequency
FCKI
20
MHz
GND Terminal Current
IGND
610
mA
Power Dissipation
PD
0.77 (QFN16 exposed pad: Ta=25
°C)
0.82 ( SSOP16 : Ta=25
°C)
1.4 ( SOP16 exposed pad: Ta=25
°C)
2.1 ( TSSOP16 exposed pad: Ta=25
°C)
W
Thermal Resistance
Rth(j-a)
150 (QFN16)
140.2 ( SSOP16 )
81.2 ( SOP16 exposed pad)
55 ( TSSOP16 exposed pad)
°C/W
Operating Temperature
Top
-40 ~ 85
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
⎯
4
5.0
5.5
V
Output Voltage
VOUT
Driver On
*1
1.0
⎯
10
Output Voltage
VOUT
Driver Off
*2
⎯
⎯
17
V
IO
OUT (R, G , B)
5
⎯
200
*3
IOH
⎯
⎯
1.2
Output Current
IOL
SERIAL-OUT
⎯
⎯
1.5
mA
VIH
0.8VCC
⎯
VCC
Input Voltage
VIL
VCC = 4 V ~ 5.5V
0.0
⎯
0.2VCC
V
Single Chip Operation
20M
Cascade Operation
(SDO=
‘H’, CL=13pF)
20M
Input Clock Frequency
FCKI
Cascade Operation
(SDO=
‘L’, CL=13pF)
DC
⎯
10M
Hz
STI Pulse Width
tw STI
20
⎯
⎯
CKI Pulse Width
tw CLK
20
⎯
⎯
Set-up Time for DAI
tsetup(D)
15
⎯
⎯
Hold Time for DAI
thold(D)
15
⎯
⎯
Set-up Time for STI
tsetup(L)
15
⎯
⎯
ns
Set-up Time for Internal Strobe
tsetup(istb)
1
⎯
⎯
us
Internal Oscillator Frequency
FOSC
VCC = 4 V ~ 5.5V
14
17.5
21
MHz
*1 Notice that the power dissipation is limited to its package and ambient temperature.
*2 The driver output voltage including any overshoot stress has to be compliant with the maximum voltage (17V).
*3 It is recommended to choose good thermal dissipation package such as TSSOP16 (Iout = 100mA ~ 200mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com