Electronic Components Datasheet Search
  English  ▼

X  

DM634 Datasheet(PDF) 17 Page - Silicon Touch Technology Inc.

Part # DM634
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM634 Datasheet(HTML) 17 Page - Silicon Touch Technology Inc.

Back Button DM634 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 21Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version : A.003
Page 16
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM634
Output Modulation Technique
DM634 provides a new LED drive technique of output modulation. It mixes traditional Pulse
Width Modulation (PWM) represented by LSB 12 bit with Sequential Split Modulation (SSM)
represented by MSB 4 bit. The main benefits of SSM are to drive LED with an equivalent higher
refresh rate (up to 380Hz in DM634 when FGCK = 25MHz) and change bit to next bit smoothly. The
relationships between PWM and SSM in time domain can be refer to the diagram below (not to
scale):
Traditional PWM Width represented by Bit [11:0]
Sequential Split Modulation represented by Bit [15:12]
A complete modulation cycle
t
0
8
1
9
2
10
3
11
4
12
5
13
6
14
7
15
0000 XXXX,XXXXXXXX
Bit[11:0] (PWM)
Bit[15:0]
on
off
on
off
on
off
on
off
on
off
on
off
on
off
on
off
t
65536 clocks
Bit[11:0] (PWM)
Bit[11:0] (PWM)
Bit[11:0] (PWM)
Bit[11:0] (PWM)
Bit[11:0] (PWM)
Bit[11:0] (PWM)
Bit[11:0] (PWM)
A complete modulation cycle
MSB
LSB
0001 XXXX,XXXXXXXX
MSB
LSB
0110 XXXX,XXXXXXXX
MSB
LSB
0111 XXXX,XXXXXXXX
MSB
LSB
1000 XXXX,XXXXXXXX
MSB
LSB
1001 XXXX,XXXXXXXX
MSB
LSB
1110 XXXX,XXXXXXXX
MSB
LSB
1111 XXXX,XXXXXXXX
MSB
LSB
Ultra High Resolution Current Outputs
DM634 could provide 16-bit linear PWM control current outputs for each channel. There are
two advantages for system design. One is DM634 has sufficient bit resolution (65536 steps), not
only LED color information but additional data such as global brightness, dot correction, and
gamma correction can be represented by the proper algorithms. The other is to reduce a lot of clock
and data rate compared to conventional ON-OFF type LED drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com