Electronic Components Datasheet Search
  English  ▼

X  

DM634 Datasheet(PDF) 18 Page - Silicon Touch Technology Inc.

Part # DM634
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM634 Datasheet(HTML) 18 Page - Silicon Touch Technology Inc.

Back Button DM634 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 22Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version : A.003
Page 17
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM634
High Accuracy Global Brightness Correction
DM634 has built-in global brightness Correction feature. It can save PCB space and cost of
system by eliminating the circuit of Rrext value adjusting or voltage drop adjusting across the
external resistors. The output current is calculating by following equation
*1*2*3:
Global Brightness data and Open/Short Flag format
DC[6]
DC[5]
DC [2]
DC [1]
DC [0]
DC[4]
DC [3]
LSB
MSB
shift in first
O/S
The Shift in data sequence of GBC data and detection flag as above. Dc[6], Dc[5] to Dc[0] are
7-bit data of GBC value. The last bit O/S is the flag of detection. When O/S flag set “L”, the LED
open detection function be selected. Otherwise, if the flag set “H”, the LED short failure detection
function be selected. .
Global Brightness Control
The default GBC data (DGBC) is “1011111” (Iout = 75% Imax
*4 ) after power-on. Users could
shift GBC data in by following timing sequence without changing luminous data. The sequence
shows four triggering latch pulses ( LAT ) with high level clock (DCK), circuit switch into GBC
mode at falling edge of the 4
th latch pulse ( LAT ) then user can make eight triggering clock pulses to
set 7-bit GBC data and O/S flag. Notice that PWM data won’t be changed while GBC data is
latched.
DCK
LAT
Timing Combination to set GBC data and O/S flag
t
1
2
254 255 256
1
2
12
34
56
78
34
*1 Iout is the current value setting under 100% PWM duty cycle.
*2 Vrext/Rext * M as the equation in Page 9.
*3 D
GBC is the data of global brightness correction. User can refer to Timing Sequence to know how to set DGBC on page 18.
*4 Imax means the GBC data is “1111111”.
Iout
*1 = Vrext / Rext x M*2 x ( 1 + D
GBC
*3)/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com