Electronic Components Datasheet Search
  English  ▼

X  

DM114 Datasheet(PDF) 22 Page - Silicon Touch Technology Inc.

Part # DM114
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM114 Datasheet(HTML) 22 Page - Silicon Touch Technology Inc.

Back Button DM114 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 22Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 23Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 24Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 25Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 26Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
DM114
、DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.007
Page 21
DM114-SSOP/DM115-SSOP Package and Weight(4 Boxes Set)
SSOP16 - 150 - 0.635
Weight
Item
Description
Weight ( Kg )
1
100 pcs DM114-SSOP/DM115-SSOP per Tube
0.015±5%
2
Net Weight of one Box
0.40±5%
3
Net Weight of one Carton
1.24±5%
4
Per Carton Set ( 4 Boxes, 40,000 pcs )
8.84±5%
Tube
Carton
24cm
64cm
24cm
10cm
61cm
11cm
Box
100 pcs ICs per Tube
100 Tubes per Box
4 Boxes per Carton
53cm
SSOP
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com