Electronic Components Datasheet Search
  English  ▼

X  

DM114 Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # DM114
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM114 Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button DM114 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 14Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DM114
、DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.007
Page 9
Timing Diagram
1. CLOCK-SERIAL OUT, OUTn
2. CLOCK-LATCH
3. ENABLE-OUTn (Current)
50%
50%
50%
50%
tpHL
tpLH
OUTn
ENABLE
50%
“L” level = DATA HOLD
SERIAL-IN
LATCH
CLOCK
tsetup(L)
50%
tw(LAT)
50%
thold
tsetup
50%
50%
90%
50%
50%
10%
10%
50%
90%
SERIAL-IN
OUTn (current)
CLOCK
twCLK
tf
tr
90%
50%
10%
10%
50%
90%
tof
tpHL
tpLH
tor
twCLK
SERIAL-OUT
50%
50%
tpLH
tpHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com