Electronic Components Datasheet Search
  English  ▼

X  

LM358D Datasheet(PDF) 4 Page - Motorola, Inc

Part # LM358D
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM358D Datasheet(HTML) 4 Page - Motorola, Inc

  LM358D Datasheet HTML 1Page - Motorola, Inc LM358D Datasheet HTML 2Page - Motorola, Inc LM358D Datasheet HTML 3Page - Motorola, Inc LM358D Datasheet HTML 4Page - Motorola, Inc LM358D Datasheet HTML 5Page - Motorola, Inc LM358D Datasheet HTML 6Page - Motorola, Inc LM358D Datasheet HTML 7Page - Motorola, Inc LM358D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM358, LM258, LM2904, LM2904V
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Input Voltage Range
Figure 2. Large–Signal Open Loop Voltage Gain
Figure 3. Large–Signal Frequency Response
Figure 4. Small Signal Voltage Follower
Pulse Response (Noninverting)
Figure 5. Power Supply Current versus
Power Supply Voltage
Figure 6. Input Bias Current versus
Supply Voltage
18
16
14
12
10
8.0
6.0
4.0
2.0
0
20
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
VCC/VEE, POWER SUPPLY VOLTAGES (V)
120
100
80
60
40
20
0
–20
1.0
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
14
12
10
8.0
6.0
4.0
2.0
0
1.0
10
100
1000
f, FREQUENCY (kHz)
550
500
450
400
350
300
250
200
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
t, TIME (ms)
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0
5.0
10
15
20
25
30
35
VCC, POWER SUPPLY VOLTAGE (V)
VCC, POWER SUPPLY VOLTAGE (V)
90
80
70
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
Negative
Positive
VCC = 15 V
VEE = Gnd
TA = 25°C
RL = 2.0 kΩ
VCC = 15 V
VEE = Gnd
Gain = –100
RI = 1.0 kΩ
RF = 100 kΩ
Input
Output
TA = 25°C
RL = R
VCC = 30 V
VEE = Gnd
TA = 25°C
CL = 50 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com