Electronic Components Datasheet Search
  English  ▼

X  

LM358D Datasheet(PDF) 1 Page - Motorola, Inc

Part # LM358D
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM358D Datasheet(HTML) 1 Page - Motorola, Inc

  LM358D Datasheet HTML 1Page - Motorola, Inc LM358D Datasheet HTML 2Page - Motorola, Inc LM358D Datasheet HTML 3Page - Motorola, Inc LM358D Datasheet HTML 4Page - Motorola, Inc LM358D Datasheet HTML 5Page - Motorola, Inc LM358D Datasheet HTML 6Page - Motorola, Inc LM358D Datasheet HTML 7Page - Motorola, Inc LM358D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM358, LM258,
LM2904, LM2904V
SEMICONDUCTOR
TECHNICAL DATA
DUAL DIFFERENTIAL INPUT
OPERATIONAL AMPLIFIERS
ORDERING INFORMATION
PIN CONNECTIONS
Order this document by LM358/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
1
1
8
8
VEE/Gnd
Inputs A
Inputs B
Output B
Output A
VCC
–
–
+
+
1
2
3
4
8
7
6
5
(Top View)
Device
Operating
Temperature Range
Package
LM2904VD
LM2904VN
LM258D
LM258N
LM358D
LM358N
SO–8
Plastic DIP
SO–8
Plastic DIP
SO–8
Plastic DIP
TA = –40° to +125°C
TA = –25° to +85°C
TA = 0° to +70°C
LM2904D
LM2904N
SO–8
Plastic DIP
TA = –40° to +105°C
1
MOTOROLA ANALOG IC DEVICE DATA
Dual Low Power
Operational Amplifiers
Utilizing the circuit designs perfected for recently introduced Quad
Operational Amplifiers, these dual operational amplifiers feature 1) low
power drain, 2) a common mode input voltage range extending to
ground/VEE, 3) single supply or split supply operation and 4) pinouts
compatible with the popular MC1558 dual operational amplifier. The LM158
series is equivalent to one–half of an LM124.
These amplifiers have several distinct advantages over standard
operational amplifier types in single supply applications. They can operate at
supply voltages as low as 3.0 V or as high as 32 V, with quiescent currents
about one–fifth of those associated with the MC1741 (on a per amplifier
basis). The common mode input range includes the negative supply, thereby
eliminating the necessity for external biasing components in many
applications. The output voltage range also includes the negative power
supply voltage.
• Short Circuit Protected Outputs
• True Differential Input Stage
• Single Supply Operation: 3.0 V to 32 V
• Low Input Bias Currents
• Internally Compensated
• Common Mode Range Extends to Negative Supply
• Single and Split Supply Operation
• Similar Performance to the Popular MC1558
• ESD Clamps on the Inputs Increase Ruggedness of the Device without
Affecting Operation
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
LM258
LM358
LM2904
LM2904V
Unit
Power Supply Voltages
Vdc
Single Supply
VCC
32
26
Split Supplies
VCC, VEE
±16
±13
Input Differential Voltage
Range (Note 1)
VIDR
±32
±26
Vdc
Input Common Mode Voltage
Range (Note 2)
VICR
–0.3 to 32
–0.3 to 26
Vdc
Output Short Circuit Duration
tSC
Continuous
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
–55 to +125
°C
Operating Ambient Temperature
Range
TA
°C
LM258
–25 to +85
–
LM358
0 to +70
–
LM2904
–
–40 to +105
LM2904V
–
–40 to +125
NOTES: 1. Split Power Supplies.
2. For Supply Voltages less than 32 V for the LM258/358 and 26 V for the LM2904, the
absolute maximum input voltage is equal to the supply voltage.
© Motorola, Inc. 1996
Rev 2


Similar Part No. - LM358D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM358D ONSEMI-LM358D Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM358D PHILIPS-LM358D Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM358D STMICROELECTRONICS-LM358D Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM358D STMICROELECTRONICS-LM358D Datasheet
271Kb / 16P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
LM358D TI-LM358D Datasheet
452Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - LM358D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
J-FET Input Dual Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
Dual Differential Input Operational Amplifiers
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
Dual Precision JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com