Electronic Components Datasheet Search
  English  ▼

X  

DS2906SA40 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DS2906SA40
Description  Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2906SA40 Datasheet(HTML) 7 Page - Dynex Semiconductor

  DS2906SA40 Datasheet HTML 1Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 2Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 3Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 4Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 5Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 6Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 7Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SEMICONDUCTOR
DS2906SA
7/8
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please contact Customer Services. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Ø100 nom
Cathode
Anode
Ø100 nom
Ø148 nom
Ø138.5
Nominal weight: 2575g
Clamping force: 83kN ±10%
Package outline type code: A
2 holes Ø 3.6 x 2.0 deep (In both electrodes)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com