Electronic Components Datasheet Search
  English  ▼

X  

DS2906SA40 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DS2906SA40
Description  Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2906SA40 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DS2906SA40 Datasheet HTML 1Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 2Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 3Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 4Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 5Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 6Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 7Page - Dynex Semiconductor DS2906SA40 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SEMICONDUCTOR
DS2906SA
2/8
www.dynexsemi.com
CURRENT RATINGS
Tcase = 75°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
Double Side Cooled
IF(AV)
Mean forward current
Half wave resistive load
5651
A
IF(RMS)
RMS value
-
8877
A
IF
Continuous (direct) on-state current
-
8208
A
Single Side Cooled (Anode side)
IF(AV)
Mean forward current
Half wave resistive load
3707
A
IF(RMS)
RMS value
-
5821
A
IF
Continuous (direct) on-state current
-
4976
A
Tcase = 100°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
Double Side Cooled
IF(AV)
Mean forward current
Half wave resistive load
4350
A
IF(RMS)
RMS value
-
6830
A
IF
Continuous (direct) on-state current
-
6160
A
Single Side Cooled (Anode side)
IF(AV)
Mean forward current
Half wave resistive load
2795
A
IF(RMS)
RMS value
-
4390
A
IF
Continuous (direct) on-state current
-
3640
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com