Electronic Components Datasheet Search
  English  ▼

X  

PS231S Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # PS231S
Description  5-Channel Secondary Monitoring IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS231S Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button PS231S Datasheet HTML 3Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 4Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 5Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 6Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 7Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 8Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 9Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 10Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 11Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PS231S
5-Channel Secondary Monitoring IC
Version
:A.002
Page 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
Electrical Characteristics (Continued)
PGO, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VPGO=5V
5
uA
Low Level Output Voltage (VOL)
ISINK=10mA
0.3
V
FPO/, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VFPO/=5V
5
uA
Low Level Output Voltage (VOL)
ISINK=20mA
0.4
V
PSON/, Analog Input
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold Voltage
1.16
1.25
1.33
V
Hysteresis (VHYST)
20
50
80
mV
External Protection Detect Section
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold(VTH)
2.5
2.6
2.7
V
Hysteresis (VHYST)
20
50
80
mV
Switching Characteristics, Vcc=12V, Ta = 25℃.
Parameter
Conditions
MIN
TYP
MAX
Unit
PGI to PGO Delay Time (Td1)
200
300
480
mS
Short Circuit Delay Time (Td2)
49
75
114
mS
PGO to FPO/ Delay Time (Td3)
2
4
6
mS
Under Voltage Delay Time (Td4)
0.6
1
1.4
mS
Over Current Delay Time (Td5)
13
20
27
mS
Over Voltage Delay Time (Td6)
47
73
110
uS
Pext Delay Time (Td7)
24
38
52
mS
PSON/ De-bounce Time (Tb1)
24
38
52
mS
PGO Noise De-glitch Time (Tb2)
47
73
110
uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com