Electronic Components Datasheet Search
  English  ▼

X  

PS231S Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # PS231S
Description  5-Channel Secondary Monitoring IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS231S Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button PS231S Datasheet HTML 3Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 4Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 5Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 6Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 7Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 8Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 9Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 10Page - Silicon Touch Technology Inc. PS231S Datasheet HTML 11Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PS231S
5-Channel Secondary Monitoring IC
Version
:A.002
Page 7
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
Application
Typical 5 rails SPS
Notes:
1. Zener diode or resistor or both of them can be used in component X.
2. The bypass capacitor Cby suggests to be 0.1uF~ 10uF and layout nearby pin VCC.
3. The recommend sense values of RS12(1), RS12(2), RS5 and RS33 are ≥ 0.002Ω.
4. Over-Current Protection design example:
(1)
A
I
ref
μ
20
=
,
()
Ω
=
=
=
K
I
V
R
RI
RI
I
5
.
62
20
25
.
1
μ
(2) RS5=0.002 Ω ,
ref
OC
V
V
I
R
I
V
×
×
=
×
=
Δ
+
8
002
.
0
5
5
5
(3) If +5V OCP trip point is 20A,
()
Ω
=
×
×
=
250
20
8
20
002
.
0
5
μ
OC
R
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
PGI
PSON/
RI
IS12B
VS12B
IS12A
FPO/
GND
PGO
VS33
IS33
IS5
Pext
VS12A
VS5
Vcc
PS231S
1K
+5VSB
PGO
PSON
+5VSB
=
or
S.P.S. Secondary Side
RS5
+5V Output
RS12(2)
+12V(2) Output
+12V(2) Coil
RS12(1)
+12V(1) Output
+12V(1) Coil
RS33
+3.3V Output
+3.3V Coil
Pext
10
9 VS12C
IS12C
RS12(3)
+12V(3) Output
+12V(3) Coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com