Electronic Components Datasheet Search
  English  ▼

X  

ST1111N Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # ST1111N
Description  Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1111N Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  ST1111N Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1111N
SP-ST1111N-A.004(2007-07-12)
Version
:
A.004
Page
:1
ST1111N
Single Coil Brushless DC Motor Drivers
( 1.5 to 7.5 Volts )
General Specifications
The device is designed specifically for electronic commutation of single coil DC
motor applications.
They are intended to be used as an interface between
HALL effect latch and a single coil load.
Each device includes a power reverse
protected diode, a fan tachometer for dividing the frequency of tachometer pulses
from the driver with 2, a lock detection circuit to shut down the drivers for
overheat prevention, and complementary bi-directional drivers for driving and
sinking large load on a single silicon chip.
Though the DC brushless motor
driver can be started as low voltage as 1.5 Volt to 2 Volt and the device permits
operation with supply voltage of 1.5 to 7.5 Volts, the design, specifications and
performance have been optimized for 3V and 5V brushless DC motor
applications.
The output driver node O1/O2 will be “turned to sink/drive” for V(HIN) = logic
low.
Similarly, the output O1/O2 will be “turned to drive/sink” for V(HIN) =
logic high .
If the motor rotation is stalled by external force or obstacles, overdrive current
( or lock current ) may incur coil overheat/burning.
To prevent coil
overheat/burning, these devices incorporate lock detection circuit to shut down
the drivers.
After the motor locking is released, the drivers can be powered up
using an automatic self-restart circuit.
The drivers are shut down roughly 1 to 3
seconds after the motor is locked. After the drivers are shut down, the automatic
self-restart circuit will try to power up the drivers every 1 to 3 seconds



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com