Electronic Components Datasheet Search
  English  ▼

X  

ST1111N Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # ST1111N
Description  Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1111N Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  ST1111N Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1111N Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1111N
SP-ST1111N-A.004(2007-07-12)
Version
:
A.004
Page
:2
Pin Description
PIN NO.
PIN NAME
DESCRIPTION
1
VDD
Power supply pin
2
O2
Output sinking pin
3
HIN
Input pin from Hall Latch IC
4
FG
Output pin of fan tachometer (open-drain)
5
GND
Ground pin
6
O1
Output sinking pin
Features and Benefits
ESD tolerance IC power outputs
>
7,500 V
ESD tolerance IC FG output > 4,500 V
Optimized for single coil Brushless DC Motor applications
Lock detection and automatic self-restart
Tachometer output
Built-in Reverse Protection
High output sinking and driving capability
Thin, highly reliable package (SOT-26)
VDD
O1
O2
GND
FG
HIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com