Electronic Components Datasheet Search
  English  ▼

X  

ST1114P Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # ST1114P
Description  Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1114P Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  ST1114P Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1114E/ST1114K/ST1114P
SP-ST1114EKP-A.011
Version
:A.011
Page
:3
Electrical Characteristic
( TA = 25℃ & VDD = 12 V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
Operating
1.8
12
16
V
Quiescent Current
IDD
No load,
All Inputs = 0V or VDD
-
5
-
mA
HIN Input Terminal
Input Voltage “H”
VIH
-
0.8*VDD
-
VDD
V
Input Voltage “L”
VIL
-
-0.4
-
0.2*VDD
V
Input Current “H”
IIH
VHIN = VDD
-
-
±5
μA
Input Current “L”
IIL
VHIN = 0V
-
1.6
-
mA
O1/O2 Output Terminal
( TJ = 25℃)
Output Voltage Low
VOL
IOUT = 250 mA
-
0.4
0.8
V
Output Current
IOUT
RL = 60Ω
-
188
-
mA
TACHO Open-Drain Terminal ( TJ = 25℃)
Output Leakage
Current
ILeak
VFGO = 12V
-
-
5
μA
Output Current
IFG
VFGOL = 0.4V
10
-
-
mA
Output Voltage High
VFGOH
-
-
-
15
V
Output Voltage Low
VFGOL IFG= 10 mA
-
0.2
0.4
V
Automatic Self-Restart Circuit
On Period
TON
-
-
156
-
ms
Duty Ratio
RDR
TOFF / TON
6
7
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com