Electronic Components Datasheet Search
  English  ▼

X  

ST1114P Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # ST1114P
Description  Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1114P Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

  ST1114P Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1114P Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1114E/ST1114K/ST1114P
SP-ST1114EKP-A.011
Version
:A.011
Page
:5
Application Notes
The FGR pin is an open-drained output with built-in pull-up resistor about 100K
Ω and outputs the same frequency with HIN pin for ST1114E, the half
frequency of HIN pin for ST1114K, and rotation detection result for ST1114P. An
additional resistor can be used to pull up the FGR voltage to the appropriate level
which depends on the voltage level of the monitoring/control system. For the
ST1114P, the output of RD is at logical low state when fan is operating and
logical high state when fan is lock.
The resistor R1 connected between system power and VDD of HALL IC and
driver increase system stability. The suggestion value of R1 is about 75Ω for
12V application.
There is no requirement of the capacitor between VDD and GND in normal
applications. The connection of this capacitance will increase stability of
operation, special when the motor is operating at large current or low voltage.
The power dissipated by the IC varies widely with the supply voltage, the output
current, and loading.
It is important to ensure the application does not exceed
the allowable power dissipation of the IC package.
The recommended motor
driver power dissipation versus temperature is depicted as follows:
Power Dissipation-Temperature
0
50
100
150
200
250
300
350
400
0
25
50
75
100
125
150
Ambient Temperature ( ℃ )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com