Electronic Components Datasheet Search
  English  ▼

X  

ST1152B Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # ST1152B
Description  Low-saturation, Low-voltage Bi-directional Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1152B Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  ST1152B Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 7Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 8Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ST1152B
Low-saturation, Low-voltage Bi-directional Motor Driver
Version
:A.002
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
ST1152B
Low-saturation, Low-voltage
Bi-directional Motor Driver
General Specifications
The device is a two-channel low-saturation bi-directional motor driver IC. The design is
optimal for stepper-motor applications, such as toy, cameras, printers or other portable devices.
Features and Benefits
Low voltage operation ( VDD min = VS1 min = VS2 min = 1.5V )
High current output (max. 1.5A/channel)
Built-in thermal shutdown circuit
Built-in pull down resistor
Low saturation voltage ( Upper transistor + low transistor residual voltage; 0.3V typ. at
400mA, 0.6V typ. at 750mA)
Parallel connection ( two-channel driver: Upper transistor + low transistor residual ; 0.4V
typ. at 800mA )
Separate control logic power supply and motor driver power supply
Brake function
High output sinking and driving capability
Thin, highly reliable package (DIP-14,SOP14)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com