Electronic Components Datasheet Search
  English  ▼

X  

ST1152B Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # ST1152B
Description  Low-saturation, Low-voltage Bi-directional Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1152B Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  ST1152B Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 7Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 8Page - Silicon Touch Technology Inc. ST1152B Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ST1152B
Low-saturation, Low-voltage Bi-directional Motor Driver
Version
:A.002
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
Electrical Characteristic(Unless otherwise noted, TA= 25℃ & VDD = VM = 3V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
VDD
1.5
3
7.0
V
Supply Voltage
VS
1.5
3
7.0
V
IDD0
VIN1, IN2, IN3, IN4 = 0V
0.1
10
μ
A
Supply Current
( IDD + IS )
IDD1
VIN1=3V, VIN2, IN3, IN4=0V
0.1
1
mA
IN1 / IN2 / IN3 / IN4 Input Terminal ( TJ = 25℃)
Input Voltage “H”
VIH
-
0.5*VDD
-
VDD+0.4
V
Input Voltage “L”
VIL
-
-0.4
-
0.2*VDD
V
Input Current “H”
IIH
VIN = VDD=3V
30
50
70
μ
A
Input Current “L”
IIL
VIN = 0 V
-
-
±
5
μ
A
O1 / O2 / O3 / O4 Output Terminal ( TJ = 25℃)
VOUT1
IOUT = 200 mA
-
0.15
0.3
V
VOUT2
IOUT = 400 mA
-
0.3
0.6
V
VOUT3
IOUT = 750 mA
-
0.6
0.95
V
VOUT4
IOUT = 400 mA
( parallel connection )
-
0.2
0.35
V
Output Voltage
(upper + lower)
VOUT5
IOUT = 800 mA
( parallel connection )
-
0.4
0.7
V
Thermal Protection Circuit
Protection Temperature
TTSD
VEN =VDD
150
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com