Electronic Components Datasheet Search
  English  ▼

X  

2249 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2249
Description  Cable Assembly with BNC Male on Each End
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2249 Datasheet(HTML) 1 Page - Pomona Electronics

  2249 Datasheet HTML 1Page - Pomona Electronics 2249 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 2249
Cable Assembly with BNC
Male on Each End
Sales: 800-490-2361 Fax: 425-446-5844 Technical Support: technicalsupport@pomonatest.com
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 102
D1093883
Page 1 of 2
FEATURES:
The molded strain relief is directly bonded to the cable jacket for superior strength and durability.
Teflon insulation and nickel tarnish resistant outer shells used in the BNC connector provide long life and
reliability.
Gold plated center contacts assure the most noise free connection possible.
The connectors and cable are impedance matched.
CABLE DESIGNATION & TYPE:
2249-C:
RG58C/U, 50 ohm cable makes it ideal for most test and measurement applications, RF
transmission systems and Thinnet LAN applications.
2249-E:
RG59B/U, 75 ohm cable assembly for use with broadcast, video, and other signal
applications.
2249-K:
RG174/U, smaller diameter 50 ohm cable for greater flexibility in tight applications. It is best
suited for use in low power situations where small size and flexibility is important.
2249-Y:
RG223/U, double shielded 50 ohm cable assembly for superior interference rejection.
RATINGS:
Cable
Designation
Type
Impedance
ohms
Capacitance
per 1 foot /
0,304 meters
Power Loss
/100 Ft @
1 MHz
Insulation AWG
Center
Strands X
AWG
Wire
Type
Jacket
Material
Cable
OD
Shield
Temperature
(w/o connectors)
°C
C
RG58C/U
50
32.2 pf
0.44 dB
PE
20
19X33
TC
PVCNC
.195
TCB
-40 to +85
E
RG59B/U
75
22.0 pf
0.60 dB
PE
23
Solid
BCCS PVCNC
.242
BCB
-40 to +60
K
RG174/U
50
30.8 pf
1.90 dB
PE
26
7X34
BCCS
PVC
.110
TCB
-40 to +75
Y
RG223/U
50
30.8 pf
0.35 dB
PE
19
Solid
SPC
PVCNC
.212
SCB / SCB
-40 to +60
AWG = American Wire Gauge
BCB = Bare Copper Braid
BCCS = Bare Copper Covered Steel
PE = Polyethylene
PVC = Polyvinyl Chloride
PVCNC = Polyvinyl Chloride Non-Contaminating
SCB = Silver Coated Braid
SPC = Silver Plated Copper
SSPE = Semi-Solid Polyethylene
TC = Tinned Copper
TCB = Tinned Copper Braid


Similar Part No. - 2249

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2249 ETC2-2249 Datasheet
321Kb / 2P
Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
2249 ETC2-2249 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
2249 HEYCO-2249 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
logo
Adafruit Industries
2249 ADAFRUIT-2249 Datasheet
122Kb / 2P
Pi Model B / Pi 2 / Pi 3 Case Base - Yellow
logo
Keystone Electronics Co...
2249 KEYSTONE-2249 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 2249

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3239 POMONA-3239 Datasheet
29Kb / 1P
Size B, Isolated BNC Female Each End With Cover
4846 POMONA-4846 Datasheet
54Kb / 1P
SMA (Male) Each End Cable Assembly
4964 POMONA-4964 Datasheet
38Kb / 1P
Cable Assembly BNC (Male) Each End, Low Noise
5266 POMONA-5266 Datasheet
26Kb / 1P
Cable Assembly BNC Male One End Only
logo
Pasternack Enterprises,...
PE34166 PASTERNACK-PE34166 Datasheet
265Kb / 1P
CABLE ASSEMBLY PE-SR401FL BNC MALE TO BNC MALE TO BNC MALE
logo
List of Unclassifed Man...
BU-P2249-C-6 ETC2-BU-P2249-C-6 Datasheet
234Kb / 1P
Test Lead, BNC with Strain Relief on Each End, RG-58C/U
BU-P5697-6 ETC2-BU-P5697-6 Datasheet
238Kb / 1P
Test Lead, Male BNC on Each End
logo
Pasternack Enterprises,...
PE3807 PASTERNACK-PE3807 Datasheet
107Kb / 1P
CABLE ASSEMBLY BNC MALE TO BNC MALE
PE35148 PASTERNACK-PE35148 Datasheet
93Kb / 1P
CABLE ASSEMBLY, RG141A, BNC MALE TO BNC MALE
PE3999 PASTERNACK-PE3999 Datasheet
99Kb / 1P
CABLE ASSEMBLY BNC MALE TO BNC MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com