Electronic Components Datasheet Search
  English  ▼

X  

2249 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 2249
Description  Cable Assembly with BNC Male on Each End
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2249 Datasheet(HTML) 2 Page - Pomona Electronics

  2249 Datasheet HTML 1Page - Pomona Electronics 2249 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 2249
Cable Assembly with BNC
Male on Each End
Sales: 800-490-2361 Fax: 425-446-5844 Technical Support: technicalsupport@pomonatest.com
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 102
D1093883
Page 2 of 2
Voltage: 500 Vrms max from center conductor to shield and 33 Vac / 70 Vdc max from shield to earth in
controlled hands free testing environments. For CE compliance: not intended for hand-held use at voltage
above 33 Vrms / 70 Vdc.
MATERIALS:
BNC Male:
Body: Brass, Tarnish Resistant Nickel Plating
Dielectric: PTFE
Center Contact: Gold Plated Brass
Strain Relief:
PVC molded directly to cable and connectors
ORDERING INFORMATION: Model 2249-type-length*
Cable Type: C, E, K, Y. (see table for detail).
Cable Length For “C” Type*: 6” (15,24cm), 12” (30,5cm), 24” (61,0cm), 36” (91,4cm), 48” (121,9cm), 60”
(152,4cm), 72” (182,9cm), 96” (243,84cm), 120” (304,8cm), 144” (365,76cm), 180” (457,2cm), 240”
(609,6cm), 300” (762cm), 360” (914,4cm), 600” (1524cm).
Cable Length For “E” Type*: 6” (15,24cm), 12” (30,5cm), 24” (61,0cm), 36” (91,4cm), 48” (121,9cm), 60”
(152,4cm), 72” (182,9cm), 120” (304,8cm), 144” (365,76cm), 180” (457,2cm), 240” (609,6cm), 300” (762cm),
360” (914,4cm), 480” (1219cm), 600” (1524cm).
Cable Length For “K” Type*: 6” (15,24cm), 12” (30,5cm), 24” (61,0cm), 36” (91,4cm), 48” (121,9cm), 60”
(152,4cm), 72” (182,9cm), 120” (304,8cm), 180” (457,2cm), 240” (609,6cm), 300” (762cm), 480” (1219cm).
Cable Length For “Y” Type*:12” (30,5cm), 24” (61,0cm), 36” (91,4cm), 48” (121,9cm), 60” (152,4cm),
72” (182,9cm),120” (304,8cm), 144” (365,76cm), 180” (457,2cm), 240” (609,6cm),
Ordering Example: 2249-C-72 (type “C” cable with a 72” (182,9cm) length)
* Additional lengths are available upon request



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com