Electronic Components Datasheet Search
  English  ▼

X  

M68HC11CPU Datasheet(PDF) 10 Page - Motorola, Inc

Part # M68HC11CPU
Description  Single-Chip Microcontrollers (AMCU)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11CPU Datasheet(HTML) 10 Page - Motorola, Inc

Back Button M68HC11CPU Datasheet HTML 6Page - Motorola, Inc M68HC11CPU Datasheet HTML 7Page - Motorola, Inc M68HC11CPU Datasheet HTML 8Page - Motorola, Inc M68HC11CPU Datasheet HTML 9Page - Motorola, Inc M68HC11CPU Datasheet HTML 10Page - Motorola, Inc M68HC11CPU Datasheet HTML 11Page - Motorola, Inc M68HC11CPU Datasheet HTML 12Page - Motorola, Inc M68HC11CPU Datasheet HTML 13Page - Motorola, Inc M68HC11CPU Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Motorola Master Selection Guide
Single-Chip Microcontrollers (AMCU)
2.6–10
M6800 Series Microprocessors and Peripherals
These devices are a testament to the staying power of
Motorola
microtechnology.
The
original
MC6800
was
Introduced in 1975, and is still in demand today. Quality
M6801, M6804 and M6805 systems have been performing
reliably in automotive, industrial, and office equipment
applications for years. Each of these devices can be
combined with various peripherals to meet the requirements
of a microcontroller design.
Table 3. M6801 and M6803 (HMOS)
Bus
Part
Speed,
Number
ROM
RAM
EEPROM
Timer
Serial
A/D
I/O
MHz
Package
Comments
MC6801
2048
192
0
16 bit: 1 IC, 1 OC
SCI
No
29
0.5–2.0
40 P
MC68701
0
128
2048
16 bit: 1 IC, 1 OC
SCI
No
29
0.5–2.0
40 P
MC6803
0
192
0
16 bit: 1 IC, 1 OC
SCI
No
13
0.5–2.0
40 P
MC6801U4
4096
256
0
16 bit: 2 IC, 3 OC
SCI
No
29
0.5–1.25
40 P
MC68701U4
0
128
4096
16 bit: 2 IC, 3 OC
SCI
No
29
0.5–1.25
40 P
MC6803U4
0
256
0
16 bit: 2 IC, 3 OC
SCI
No
13
0.5–1.25
40 P
Table 4. 8–Bit MPU/Peripherals
Device
Pins
Package
Part Description
Speed
MC68B00
40
P
8 Bit MPU, Addresses 64K Memory, 1 or 2 MHz Versions
2 MHz
MC6802
40
P
MC6800 + Int. Clock Oscillator; 128 Bytes RAM
1 MHz
MC68B09
40
P
High Performance MPU, 10 Powerful Addressing Modes
2 MHz
MC68B09E
40
P
MC6809 With External Clock Input for External Sync.
2 MHz
MC68B21
40
P
Peripheral Interface Adapter
2 MHz
MC68B40
40
P
Programmable Timer Module Contains 3 16–Bit Timers
2 MHz
MC6845
40
P
CRT Ctrl, Refresh Memory Addressing; 2nd Source HD6845R
1 MHz
MC68B50
40
P
Asynchronous Communication Interface Adaptor
2 MHz
MC68HC24
40, 44
P, FN
MC68HC11 Port Replacement (Expanded Mode) for A8, E9
2 MHz
MC68HC27
46, 68
FU, FN
Port Replacement for D3, K4, F1
2 MHz
MC68HCB34
40
P, FN
256 Byte Dual Port RAM, 6 Semaphore Registers
2 MHz
MC68B10
24
P
128 x 8 Random Access Memory
2 MHz
MC68B44
40
P
Direct Memory Access Controller
2 MHz
MC68B488
40
P
General Purpose Interface Adapter
2 MHz
MC68B52
24
P
Synchronous Serial Data Adapter
2 MHz
MC68B54
28
P
Advanced Data Link Controller
2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com