Electronic Components Datasheet Search
  English  ▼

X  

M68HC11CPU Datasheet(PDF) 19 Page - Motorola, Inc

Part # M68HC11CPU
Description  Single-Chip Microcontrollers (AMCU)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11CPU Datasheet(HTML) 19 Page - Motorola, Inc

Back Button M68HC11CPU Datasheet HTML 15Page - Motorola, Inc M68HC11CPU Datasheet HTML 16Page - Motorola, Inc M68HC11CPU Datasheet HTML 17Page - Motorola, Inc M68HC11CPU Datasheet HTML 18Page - Motorola, Inc M68HC11CPU Datasheet HTML 19Page - Motorola, Inc M68HC11CPU Datasheet HTML 20Page - Motorola, Inc M68HC11CPU Datasheet HTML 21Page - Motorola, Inc M68HC11CPU Datasheet HTML 22Page - Motorola, Inc M68HC11CPU Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Motorola Master Selection Guide
Single-Chip Microcontrollers (AMCU)
2.6–19
The M68300 Family
The high–performance M68300 family is designed for
embedded
control
applications.
Each
M68300
MCU
incorporates a 32–bit M68000–based CPU module (CPU32),
a sophisticated integration module, and a number of
dedicated special–purpose modules. In addition to utilizing a
bus protocol similar to that of the M68020, the system
integration module generates external bus–control signals for
M6800 devices, and provides a variety of programmable
chip–select functions. M68300 devices can be placed in
low–power stop mode to minimize power consumption during
periods of inactivity. The M68300 family provides great design
flexibility,
performance,
and
compatibility
with
exiting
hardware and software.
Figure 8. MC68332 Block Diagram
A19–A23
IRQ6
IRQ5
IRQ4
IRQ3
IRQ2
MODCK
IRQ7
IRQ1
CSBOOT
BGACK
BG
BR
CLOCK
PORT D
CONTROL
CONTROL
FC0
TSTME/TSC
CS0–CS10
A23/CS10
A22/CS9
A21/CS8
A20/CS7
A19/CS6
FC2/CS5
FC1/CS4
FC0/CS3
EBI
TEST
A0–A18
A0–A23
D0–D15
IMB
RAM
QSM
CPU32
TPU
IRQ1–IRQ7
FREEZE/QUOT
VDDSYN
FC2
FC1
CHIP
SELECTS
BR/CS0
BG/CS1
BGACK/CS2
DSACK1
DSACK0
AVEC
SIZ0
SIZ1
RMC
DS
AS
RMC
SIZ1
SIZO
AS
AVEC
DSACK1
DSACK0
DS
RESET
HALT
BERR
R/W
XTAL
CLKOUT
MODCK
EXTAL
XFC
TSC
TSTME
QUOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com