Electronic Components Datasheet Search
  English  ▼

X  

EDJ1104BASE Datasheet(PDF) 49 Page - Elpida Memory

Part # EDJ1104BASE
Description  1G bits DDR3 SDRAM
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1104BASE Datasheet(HTML) 49 Page - Elpida Memory

Back Button EDJ1104BASE Datasheet HTML 45Page - Elpida Memory EDJ1104BASE Datasheet HTML 46Page - Elpida Memory EDJ1104BASE Datasheet HTML 47Page - Elpida Memory EDJ1104BASE Datasheet HTML 48Page - Elpida Memory EDJ1104BASE Datasheet HTML 49Page - Elpida Memory EDJ1104BASE Datasheet HTML 50Page - Elpida Memory EDJ1104BASE Datasheet HTML 51Page - Elpida Memory EDJ1104BASE Datasheet HTML 52Page - Elpida Memory EDJ1104BASE Datasheet HTML 53Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
EDJ1104BASE, EDJ1108BASE, EDJ1116BASE
Data Sheet E1128E60 (Ver. 6.0)
49
4. ‘Reserved’ settings are not allowed. User must program a different value.
5. 'Optional' settings allow certain devices in the industry to support this setting, however, it is not a
mandatory feature.
6. Any DDR3-1066 speed bin also supports functional operation at lower frequencies as shown in the table
DDR3-1066 Speed Bins which are not subject to production tests but verified by design/characterization.
7. Any DDR3-1333 speed bin also supports functional operation at lower frequencies as shown in the table
DDR3-1333 Speed Bins which is not subject to production tests but verified by design/characterization.
8 Any DDR3-1600 speed bin also supports functional operation at lower frequencies as shown in the table
DDR3-1600 Speed Bins which is not subject to production tests but verified by design/characterization.
9. tREFI depends on operating case temperature (TC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com