Electronic Components Datasheet Search
  English  ▼

X  

EDJ1104BASE Datasheet(PDF) 21 Page - Elpida Memory

Part # EDJ1104BASE
Description  1G bits DDR3 SDRAM
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1104BASE Datasheet(HTML) 21 Page - Elpida Memory

Back Button EDJ1104BASE Datasheet HTML 17Page - Elpida Memory EDJ1104BASE Datasheet HTML 18Page - Elpida Memory EDJ1104BASE Datasheet HTML 19Page - Elpida Memory EDJ1104BASE Datasheet HTML 20Page - Elpida Memory EDJ1104BASE Datasheet HTML 21Page - Elpida Memory EDJ1104BASE Datasheet HTML 22Page - Elpida Memory EDJ1104BASE Datasheet HTML 23Page - Elpida Memory EDJ1104BASE Datasheet HTML 24Page - Elpida Memory EDJ1104BASE Datasheet HTML 25Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
EDJ1104BASE, EDJ1108BASE, EDJ1116BASE
Data Sheet E1128E60 (Ver. 6.0)
21
AC and DC Output Measurement Levels (TC = 0
°C to +85°C, VDD, VDDQ = 1.5V ± 0.075V)
Parameter
Symbol
Specification
Unit
Notes
DC output high measurement level
(for IV curve linearity)
VOH (DC)
0.8
× VDDQ
V
DC output middle measurement level
(for IV curve linearity)
VOM (DC)
0.5
× VDDQ
V
DC output low measurement level
(for IV curve linearity)
VOL (DC)
0.2
× VDDQ
V
AC output high measurement level
(for output slew rate)
VOH (AC)
VTT + 0.1
× VDDQ
V
1
AC output low measurement level
(for output slew rate)
VOL (AC)
VTT
− 0.1 × VDDQ
V
1
AC differential output high measurement
level (for output slew rate)
VOHdiff
0.2
× VDDQ
V
2
AC differential output low measurement
level (for output slew rate)
VOLdiff
−0.2 × VDDQ
V
2
AC differential cross point voltage
VOX (AC)
TBD
V
Notes: 1. The swing of
±0.1 × VDDQ is based on approximately 50% of the static single-ended output high or low
swing with a driver impedance of 34
Ω and an effective test load of 25Ω to VTT = VDDQ/2 at each of the
differential outputs.
2. The swing of
±0.2 × VDDQ is based on approximately 50% of the static single-ended output high or low
swing with a driver impedance of 34
Ω and an effective test load of 25Ω to VTT = VDDQ/2 at each of the
differential outputs.
Output Slew Rate Definitions
[Single-Ended Output Slew Rate Definition]
Measured
Description
From
To
Defined by
Output slew rate for rising edge VOL (AC)
VOH (AC)
VOH (AC) – VOL (AC)
∆TRse
Output slew rate for falling edge VOH (AC)
VOL (AC)
VOH (AC) – VOL (AC)
∆TFse
∆TRse
∆TFse
VOH (AC)
− VOL (AC)
∆TFse
Falling slew =
VOH (AC)
VOL (AC)
VTT
VOH (AC)
− VOL (AC)
∆TRse
Rising slew =
Input Slew Rate Definition for Single-Ended Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com