Electronic Components Datasheet Search
  English  ▼

X  

DTIPU20 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTIPU20
Description  20 Watt Single Output AC/DC Desktop Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTIPU20 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTIPU20 Datasheet HTML 1Page - Wall Industries,Inc. DTIPU20 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTIPU20 Series
20 Watt
Single Output
AC/DC Desktop Power Supply
Rev A
MODEL SELECTION CHART
\
Model Number
Preset Voltage
Output Voltage
Range
Output Current
Total Regulation
Max Output Power
AC Inlet
Connector
*DTIPU20A-102
6 VDC
5 ~ 6 VDC
3.00 ~ 2.50A
5%
15W
*DTIPU20A-105
13 VDC
11 ~ 13 VDC
1.81 ~ 1.53A
4%
20W
*DTIPU20A-106
16 VDC
13 ~ 16 VDC
1.53 ~ 1.25A
4%
20W
*DTIPU20A-108
27 VDC
21 ~ 27 VDC
0.95 ~ 0.74A
3%
20W
*DTIPU20A-109
33 VDC
27 ~ 33 VDC
0.74 ~ 0.60A
3%
20W
DTIPU20A-111
48 VDC
40 ~ 48 VDC
0.50 ~ 0.41A
3%
20W
IEC-320-C6
*DTIPU20B-102
6 VDC
5 ~ 6 VDC
3.00 ~ 2.50A
5%
15W
*DTIPU20B-105
13 VDC
11 ~ 13 VDC
1.81 ~ 1.53A
4%
20W
*DTIPU20B-106
16 VDC
13 ~ 16 VDC
1.53 ~ 1.25A
4%
20W
*DTIPU20B-108
27 VDC
21 ~ 27 VDC
0.95 ~ 0.74A
3%
20W
*DTIPU20B-109
33 VDC
27 ~ 33 VDC
0.74 ~ 0.60A
3%
20W
DTIPU20B-111
48 VDC
40 ~ 48 VDC
0.50 ~ 0.41A
3%
20W
IEC-320-C8
NOTES
1. The DTIPU20 Series is designated as DTIPU20x-y where x represents the type of AC input inlet connector which can either be
A (IEC-320-C6) or B (IEC-320-C8); y can be 102, 103, 104, 105, 106, 107, 108, 109, 110 or 111 for output voltage.
2. The output voltage is specified as a range (Ex: 40 ~ 48VDC); the preset voltage will be set as standard models if nothing different is
requested. Please contact factory for ordering details.
3. To meet the total regulation specifications all models must use an AWG#18/4FT output cable. The regulation will change if the output
cable is modified.
4. The “*” represents TUV/PSE approval. Models with output voltages under 30VDC have been approved by TUV/PSE.
5. Optional output connectors are available. Please call factory for ordering details.
MECHANICAL DRAWINGS
Unit: inches [mm]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com