Electronic Components Datasheet Search
  English  ▼

X  

DTIPU20 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTIPU20
Description  20 Watt Single Output AC/DC Desktop Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTIPU20 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTIPU20 Datasheet HTML 1Page - Wall Industries,Inc. DTIPU20 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTIPU20 Series
20 Watt
Single Output
AC/DC Desktop Power Supply
Rev A
FEATURES
● Splash Proof
● Single Output
● 3 Year Warranty
● A Type: Class I Insulation
● B Type: Class II Insulation
● CEC and Energy Star Compliance
● 2 Types of Inlet Connectors Available
● Optional Output Connectors Available
● Approved as Limited Power Source (LPS)
● Wide Input Voltage 90~264VAC, 47~63Hz
● -20°C~+70°C Operating Temperature Range
DESCRIPTION
The DTIPU20 Series of AC/DC switching mode single output power supplies provides 20 watts of continuous output power. All models have a
single output, universal input voltage range, and an operating temperature range of -20°C ~ +70°C. This series also has two types of AC inlet
connectors to choose from: Type A (IEC-320-C6) or Type B (IEC-320-C8). All supplies are UL 94V-1 compliant. All models meet FCC Part-15 class
B and CISPR-22 class B emission limits and are designed to comply with UL/cUL (UL 60950-1), TUV/GS (EN 60950-1) and new CE requirements.
All units are CEC and Energy Star compliant and are 100% burn-in tested.
SPECIFICATIONS: DTIPU20 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Operating Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
Input Current (Low Line)
Io = Full Load, Vin = 115VAC
0.4
A
Input Current (High Line)
Io = Full Load, Vin = 230VAC
0.25
A
Inrush Current (Low Line)
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
12
15
A
Inrush Current (High Line)
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
26
30
A
Safety Ground Leakage Current (A Type)
Io = Full Load, Vin = 240VAC
0.5
0.75
mA
Safety Ground Leakage Current (B Type)
Io = Full Load, Vin = 240VAC
0.15
0.25
mA
Start-Up Time
Io = Full Load, Vin = 100VAC
0.25
0.5
s
OUTPUT (Vo)
Output Voltage Range
See Rating Chart
Load Regulation
Vin = 230VAC
1
3
5
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power Range
Vin = 90 to 264VAC
0
20
W
Output Current Range
See Rating Chart
Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response Time
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
12
14
16
ms
PROTECTION
Over Voltage Protection
Nil
%
Over Current Protection
110
150
%
GENERAL
Efficiency
Io = Full Load, Vin = 230VAC
75
85
95
%
Dielectric Withstanding Voltage
For Primary to Secondary
Primary to Secondary
4242
VDC
Dielectric Withstanding Voltage
For Primary to Ground (A Type Only)
Primary to Ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
No Load Power Consumption
No Load, Vin = 240VAC
0
0.4
0.5
W
ENVIRONMENTAL
Operating Temperature
Derate linearly from 100% Load at 40°C to 50% load at 70°C
-20
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Temperature Coefficient
All Outputs
-0.04
+0.04
%/°C
MTBF
Operating temperature at 25°C, Calculated per MIL-HDBK-217F
300,000 hours
PHYSICAL
Weight
Approximately 170 grams
Dimensions (L x W x H)
3.90 x 1.65 x 1.22 inches
Input Inlet
A Type: IEC-320-C6, B Type: IEC-320-C8
Warranty
3 years
SAFETY
CISPR (EMI Requirements for CISPR-22)
Vin = 220VAC
B
Class
FCC (EMI Requirements for FCC Part-15)
Vin = 110VAC
B
Class
Type A
Type B


Similar Part No. - DTIPU20

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU25 WALL-DTIPU25 Datasheet
203Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
DTIPU25A-102 WALL-DTIPU25A-102 Datasheet
203Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
DTIPU25A-103 WALL-DTIPU25A-103 Datasheet
203Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
DTIPU25A-104 WALL-DTIPU25A-104 Datasheet
203Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
DTIPU25A-105 WALL-DTIPU25A-105 Datasheet
203Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTIPU20

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTIPU25 WALL-DTIPU25 Datasheet
203Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
20 Watt Single Output AC/DC Desktop Power Supply
DTSPU25 WALL-DTSPU25 Datasheet
197Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
30 Watt Single Output AC/DC Desktop Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
40 Watt Single Output AC/DC Desktop Power Supply
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
60 Watt Single Output AC/DC Desktop Power Supply
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
60 Watt Single Output AC/DC Desktop Power Supply
DTSPU63 WALL-DTSPU63 Datasheet
157Kb / 3P
63 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com