Electronic Components Datasheet Search
  English  ▼

X  

ACT8311 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT8311
Description  1.5A, PWM Step-Down DC/DCs in TDFN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8311 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT8311 Datasheet HTML 1Page - Active-Semi, Inc ACT8311 Datasheet HTML 2Page - Active-Semi, Inc ACT8311 Datasheet HTML 3Page - Active-Semi, Inc ACT8311 Datasheet HTML 4Page - Active-Semi, Inc ACT8311 Datasheet HTML 5Page - Active-Semi, Inc ACT8311 Datasheet HTML 6Page - Active-Semi, Inc ACT8311 Datasheet HTML 7Page - Active-Semi, Inc ACT8311 Datasheet HTML 8Page - Active-Semi, Inc ACT8311 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ACT8309/8310/8311
Rev PrA, 24-Jan-08
Active-Semi
Innovative Products. Active Solutions.
- 5 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ACT8311
IN
SW
FB
G
3.0V
Up to 1.5A
EN
IN
POK
GP
2.7V to 5.0V
OUT
100k?
3.3µH
22µF
549k?
200k?
OUT
10µF
Figure1:
Functional Block Diagram
SW
PWM
CONTROL
EN
IN
IN
GP
FB
POK
G
ACT8309
ACT8310
ACT8311
OUT
OUT
Figure 2:
Typical Application Circuit
Active-Semi
Active-Semi
549kΩ
200kΩ
100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com