Electronic Components Datasheet Search
  English  ▼

X  

ACT8311 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8311
Description  1.5A, PWM Step-Down DC/DCs in TDFN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8311 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8311 Datasheet HTML 1Page - Active-Semi, Inc ACT8311 Datasheet HTML 2Page - Active-Semi, Inc ACT8311 Datasheet HTML 3Page - Active-Semi, Inc ACT8311 Datasheet HTML 4Page - Active-Semi, Inc ACT8311 Datasheet HTML 5Page - Active-Semi, Inc ACT8311 Datasheet HTML 6Page - Active-Semi, Inc ACT8311 Datasheet HTML 7Page - Active-Semi, Inc ACT8311 Datasheet HTML 8Page - Active-Semi, Inc ACT8311 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Innovative Products. Active Solutions.
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ACT8309/8310/8311
1.5A, PWM Step-Down DC/DCs in TDFN
SYSTEM BLOCK DIAGRAM
FEATURES
• Multiple Patents Pending
• Up to 95% High Efficiency
• Up to 1.5A Guaranteed Output Current (ACT8311)
• 1.35MHz Constant Frequency Operation
• Internal Synchronous Rectifier Eliminates
Schottky Diode
• ACT8309: Up to 900mA
• ACT8310: Up to 1.2A
• ACT8311: Up to 1.5A
• 100% Duty Cycle Low-Dropout Operation
• 0.1µA Shutdown Current
• Small TDFN33-8 Package
− RoHS-Compliant
• Independent Enable/Disable Control
• Minimal External Components
APPLICATIONS
• Wireless Handhelds
• Portable Devices
• GPS/PND equipment
GENERAL DESCRIPTION
The patent-pending ACT8309/ACT8310/ACT8311
are current-mode, fixed-frequency PWM, synchro-
nous step-down DC/DC converters that are capable
of delivering 1.5A with efficiency of up to 95%.
These devices operate with a fixed frequency of
1.35MHz, minimizing noise in sensitive equipment
as well as optimizing both efficiency and component
size and cost.
These devices feature very low-resistance power
MOSFET and 100% duty cycle operation, making
them ideal choices for portable applications requir-
ing a 3.0V or 3.3V rail to be generated from a Li+
battery.
The ACT8311 is capable of supplying up to 1.5A of
output current, while the ACT8309 and ACT8310
are capable of supplying up to 900mA and 1.2A,
respectively. All three devices have adjustable out-
put voltages that are programmable down to 1.2V.
Contact Active-Semi for custom fixed output voltage
availability.
Rev PrA, 24-Jan-08
Advanced Product Information – All Information Subject to Change
Pb-free
Active-Semi
ACT8311
IN
SW
FB
G
VOUT
Up to 1.5A
EN
ON
OFF
POK
GP
2.7V to 5.0V
Power-OK
Output
Active-Semi


Similar Part No. - ACT8311

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8311 ACTIVE-SEMI-ACT8311 Datasheet
359Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8311 ACTIVE-SEMI-ACT8311 Datasheet
363Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8311 ACTIVE-SEMI-ACT8311 Datasheet
363Kb / 11P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8311NHADJ-T ACTIVE-SEMI-ACT8311NHADJ-T Datasheet
359Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8311NHADJ-T ACTIVE-SEMI-ACT8311NHADJ-T Datasheet
363Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
More results

Similar Description - ACT8311

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
1.5A, 1.1MHZ PWM Step-Down Regulator
logo
Active-Semi, Inc
ACT8325 ACTIVE-SEMI-ACT8325 Datasheet
80Kb / 2P
Dual PWM Step-Down DC/DCs in TDFN33
16-Nov-07
ACT6330 ACTIVE-SEMI-ACT6330 Datasheet
104Kb / 2P
Dual PWM Step-Up DC/DCs in TQFN33
02-Apr-08
ACT8325 ACTIVE-SEMI-ACT8325_08 Datasheet
285Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev0, 13-May-08
ACT6330 ACTIVE-SEMI-ACT6330_08 Datasheet
312Kb / 14P
Dual PWM Step-Up DC/DCs in TQFN33
Rev0, 02-Apr-08
ACT8309 ACTIVE-SEMI-ACT8309_10 Datasheet
359Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8325 ACTIVE-SEMI-ACT8325_11 Datasheet
241Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
ACT8309 ACTIVE-SEMI-ACT8309_12 Datasheet
363Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8309 ACTIVE-SEMI-ACT8309_14 Datasheet
363Kb / 11P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com