Electronic Components Datasheet Search
  English  ▼

X  

ACT8342 Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT8342
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT8342_08 Datasheet HTML 9Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 10Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 11Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 12Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 13Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 14Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 15Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 16Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 17Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ACT8342
Rev0, 26-May-08
LOW-DROPOUT LINEAR REGULATORS
Innovative Power
TM
- 14 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ELECTRICAL CHARACTERISTICS (REG3)
(VINL = 3.6V, COUT3 = 1µF, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INL Operating Voltage Range
3.1
5.5
V
INL UVLO Threshold
VINL Input Rising
2.9
3
3.1
V
UVLO Hysteresis
VINL Input Falling
0.1
V
Output Voltage Accuracy
TA = 25°C
-1.2
VNOM31
+2
%
TA = -40°C to 85°C
-2.5
VNOM3
+3
Line Regulation Error
VINL = Max(VOUT3 + 0.5V, 3.6V) to 5.5V
0
mV
Load Regulation Error
IOUT3 = 1mA to 150mA
-0.004
%/mA
Power Supply Rejection Ratio
f = 1kHz, IOUT3 = 150mA, COUT3 = 1µF
70
dB
f = 10kHz, IOUT3 = 150mA, COUT3 = 1µF
60
Supply Current per Output
Regulator Enabled
50
µA
Regulator Disabled
0
Dropout Voltage2
IOUT3 = 120mA, VOUT3 > 3.1V
100
200
mV
Output Current
150
mA
Current Limit
VOUT3 = 95% of regulation voltage
170
mA
Internal Soft-Start
100
µs
Power Good Flag High Threshold
VOUT3, hysteresis = -4%
89
%
Output Noise
COUT3 = 10µF, f = 10Hz to 100kHz
40
µVRMS
Stable COUT3 Range
1
20
µF
Discharge Resistor in Shutdown
LDO Disabled
650
Ω
ON3 Logic Low Input Voltage
VINL = 2.6V to 5.5V, TA = -40°C to 85°C
0.4
V
ON3 Logic High Input Voltage
VINL = 2.6V to 5.5V, TA = -40°C to 85°C
1.4
V
Thermal Shutdown Temperature
Temperature Rising
160
°C
Thermal Shutdown Hysteresis
Temperature Falling
20
°C
: VNOM3 refers to the nominal output voltage level for VOUT2 as defined by the Ordering Information section.
: Dropout Voltage is defined as the differential voltage between input and output when the output voltage drops 100mV below the
regulation voltage at 1V differential voltage.
: LDO current limit is defined as the output current at which the output voltage drops to 95% of the respective regulation voltage. Un-
der heavy overload conditions the output current limit folds back by 30% (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com