Electronic Components Datasheet Search
  English  ▼

X  

ACT8342 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT8342
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT8342_08 Datasheet HTML 8Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 9Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 10Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 11Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 12Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 13Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 14Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 15Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ACT8342
Rev0, 26-May-08
STEP-DOWN DC/DC CONVERTER
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
RFB1
RFB2
OUT1
ACT8342
FB
CFF
Figure 4:
Output Voltage Programming
Finally choose CFF using the following equation:
where RFB1 = 47kΩ, use 47pF.
PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout an important part of step-
down DC/DC converter design. A good design mini-
mizes excessive EMI on the feedback paths and
voltage gradients in the ground plane, both of which
can result in instability or regulation errors. Step-
down DC/DCs exhibit discontinuous input current,
so the input capacitors should be placed as close
as possible to the IC, and avoiding the use of vias if
possible. The inductor, input filter capacitor, and
output filter capacitor should be connected as close
together as possible, with short, direct, and wide
traces. The ground nodes for each regulator's
power loops should be connected at a single point
in a star-ground configuration, and this point should
be connected to the backside ground plane with
multiple vias. For fixed output voltage options, con-
nect the output node directly to the FB1 pin. For
adjustable output voltage options, connect the feed-
back resistors and feed-forward capacitor to the
FB1 pin through the shortest possible route. In both
cases, the feedback path should be routed to main-
tain sufficient distance from switching nodes to pre-
vent noise injection. Finally, the exposed pad
should be directly connected to the backside
ground plane using multiple vias to achieve low
electrical and thermal resistance.
(2)
1
FB
6
FF
R
10
2
.
2
C
−
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com