Electronic Components Datasheet Search
  English  ▼

X  

ACT8740 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT8740 Datasheet HTML 1Page - Active-Semi, Inc ACT8740 Datasheet HTML 2Page - Active-Semi, Inc ACT8740 Datasheet HTML 3Page - Active-Semi, Inc ACT8740 Datasheet HTML 4Page - Active-Semi, Inc ACT8740 Datasheet HTML 5Page - Active-Semi, Inc ACT8740 Datasheet HTML 6Page - Active-Semi, Inc ACT8740 Datasheet HTML 7Page - Active-Semi, Inc ACT8740 Datasheet HTML 8Page - Active-Semi, Inc ACT8740 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ACT8740
Rev PrB, 25-Feb-08
Innovative Products. Active Solutions.
- 5 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
VIN
Power Input for the Battery Charger. The Battery Charger, REG1 and REG3 are automatically
enabled whenever a valid voltage is present on VIN. Bypass to GA with a high quality ceramic
capacitor placed as close as possible to the IC.
2
SCL
Clock Input for I2C Serial Interface. Data is read on the rising edge of the clock.
3
SDA
Data Input for I2C Serial Interface. Data is read on the rising edge of the clock.
4
nIRQ
Open-Drain Push-Button Status Output. nIRQ is an open-drain output which sinks current when
nMSTR is asserted or when a fault-condition occurs. If interrupts are not masked.
5
nMSTR
Master Enable Input. Drive nMSTR to GA or to a logic low to enable the IC.
6
OUT3
Output voltage for REG3. Capable of delivering up to 350mA of output current. Output has high
impedance when disabled.
7
INL
Power input for REG3, REG4 and REG5. Bypass to GA with a high quality ceramic capacitor
placed as close as possible to the IC.
8
OUT5
Output voltage for REG5. Capable of delivering up to 250mA of output current. Output has high
impedance when disabled.
9
OUT4
Output voltage for REG4. Capable of delivering up to 250mA of output current. Output has high
impedance when disabled.
10
GP1
Power Ground for REG1. Connect GA, GP1 and GP2 together at a single point as close to the
IC as possible.
11
SW1
Switching Node Output for REG1. Connect this pin to the switching end of the inductor.
12
VP1
Power Input for REG1. Bypass to GP1 with a high quality ceramic capacitor placed as close as
possible to the IC.
13
OUT1
Output Feedback Sense for REG1. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
14,17
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA, GP1 and GP2 to-
gether at a single point as close to the IC as possible.
16
VSYS
Power Bypass for System Management Circuitry. Bypass to GA with a high quality ceramic
capacitor placed as close as possible to the IC. VSYS is internally connected to the higher volt-
age of either VVIN or VBAT. Do not load VSYS with more than 100µA.
15
ON1
Enable Control Input for REG1 and REG3. Drive ON1 to VSYS or to a logic high for normal
operation, drive to GA or a logic low to disable REG1 and REG3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com