Electronic Components Datasheet Search
  English  ▼

X  

ACT8740 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT8740 Datasheet HTML 3Page - Active-Semi, Inc ACT8740 Datasheet HTML 4Page - Active-Semi, Inc ACT8740 Datasheet HTML 5Page - Active-Semi, Inc ACT8740 Datasheet HTML 6Page - Active-Semi, Inc ACT8740 Datasheet HTML 7Page - Active-Semi, Inc ACT8740 Datasheet HTML 8Page - Active-Semi, Inc ACT8740 Datasheet HTML 9Page - Active-Semi, Inc ACT8740 Datasheet HTML 10Page - Active-Semi, Inc ACT8740 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ACT8740
Rev PrB, 25-Feb-08
Innovative Products. Active Solutions.
- 7 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
ABSOLUTE MAXIMUM RATINGS
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.
PARAMETER
UNIT
VP1, SW1 to GP1,
VSYS, SCL, SDA, INL, OUT1, OUT2, OUT3, OUT4, OUT5, FB2, BAT, CHGLEV, ON1, nMSTR,
nIRQ to GA
V
SW1 to VP1
V
OVP2, SW2 to GP2
V
VIN to GA
t <1ms and duty cycle <1%
Steady State
V
V
GP1, GP2 to GA
V
RMS Power Dissipation (TA = 70°C)
W
Operating Temperature Range
°C
Junction Temperature
°C
Storage Temperature
°C
Lead Temperature (Soldering, 10 sec)
°C
VALUE
-0.3 to +6
-6 to +0.3
-0.3 to +30
-0.3 to +7
-0.3 to +6
-0.3 to +0.3
1.8
-40 to 85
125
-55 to 150
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com