Electronic Components Datasheet Search
  English  ▼

X  

MAC16D Datasheet(PDF) 4 Page - Motorola, Inc

Part # MAC16D
Description  TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC16D Datasheet(HTML) 4 Page - Motorola, Inc

  MAC16D Datasheet HTML 1Page - Motorola, Inc MAC16D Datasheet HTML 2Page - Motorola, Inc MAC16D Datasheet HTML 3Page - Motorola, Inc MAC16D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MAC16 SERIES
3–70
Motorola Thyristor Device Data
Figure 8. Critical Rate of Rise of Off-State Voltage
(Exponential)
RG, GATE TO MAIN TERMINAL 1 RESISTANCE (OHMS)
5000
4K
3K
2K
1K
0
10000
1000
100
10
Figure 9. Critical Rate of Rise of
Commutating Voltage
(di/dt)c, RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
VD = 800 Vpk
TJ = 125°C
ITM
tw
VDRM
(di/dt)c =
6f ITM
1000
f =
1
2 tw
TJ = 125°C
100
°C
75
°C
10
100
10
1
LL
1N4007
400 V
+
MEASURE
I
–
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51
2
1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (dv/dt)c. See AN1048 for additional information.
Figure 10. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Voltage
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com