Electronic Components Datasheet Search
  English  ▼

X  

MAC16D Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC16D
Description  TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC16D Datasheet(HTML) 1 Page - Motorola, Inc

  MAC16D Datasheet HTML 1Page - Motorola, Inc MAC16D Datasheet HTML 2Page - Motorola, Inc MAC16D Datasheet HTML 3Page - Motorola, Inc MAC16D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3–67
Motorola Thyristor Device Data
TRIACS
Silicon Bidirectional Thyristors
Designed for high performance full-wave ac control applications where high
noise immunity and high commutating di/dt are required.
• Blocking Voltage to 800 Volts
• On-State Current Rating of 15 Amperes RMS at 80°C
• Uniform Gate Trigger Currents in Three Modes
• High Immunity to dv/dt — 500 V/µs minimum at 125°C
• Minimizes Snubber Networks for Protection
• Industry Standard TO-220AB Package
• High Commutating di/dt — 9.0 A/ms minimum at 125°C
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VDRM
Peak Repetitive Off-State Voltage, (1)
(– 40 to 125
°C, Sine Wave, 50 to 60 Hz, Gate Open)
MAC16D
MAC16M
MAC16N
400
600
800
Volts
IT(RMS)
On-State RMS Current
(60 Hz, TC = 80°C)
15
A
ITSM
Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, TJ = 125°C)
150
A
I2t
Circuit Fusing Consideration (t = 8.3 ms)
93
A2sec
PGM
Peak Gate Power (Pulse Width
≤ 1.0 µs, TC = 80°C)
20
Watts
PG(AV)
Average Gate Power (t = 8.3 ms, TC = 80°C)
0.5
Watts
TJ
Operating Junction Temperature Range
– 40 to +125
°C
Tstg
Storage Temperature Range
– 40 to +150
°C
THERMAL CHARACTERISTICS
R
θJC
R
θJA
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
2.0
62.5
°C/W
TL
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
260
°C
(1)
VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MAC16
SERIES
CASE 221A-06
(TO-220AB)
Style 4
MT2
MT1
MT2
G
TRIACS
15 AMPERES RMS
400 thru 800
VOLTS
*Motorola preferred devices
*
REV 1


Similar Part No. - MAC16D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC16D ONSEMI-MAC16D Datasheet
69Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC16DG ONSEMI-MAC16DG Datasheet
69Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
More results

Similar Description - MAC16D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
MAC15-4FP MOTOROLA-MAC15-4FP Datasheet
80Kb / 4P
ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS
MAC15D MOTOROLA-MAC15D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC15SD MOTOROLA-MAC15SD Datasheet
690Kb / 8P
TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
MAC8D MOTOROLA-MAC8D Datasheet
79Kb / 4P
TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC9D MOTOROLA-MAC9D Datasheet
78Kb / 4P
TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com