Electronic Components Datasheet Search
  English  ▼

X  

DCP69A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DCP69A
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCP69A Datasheet(HTML) 2 Page - Diodes Incorporated

  DCP69A Datasheet HTML 1Page - Diodes Incorporated DCP69A Datasheet HTML 2Page - Diodes Incorporated DCP69A Datasheet HTML 3Page - Diodes Incorporated DCP69A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NOT RECOMMENDED FOR NEW
DESIGNS, USE DCP69/-16
Typical Characteristics @TA = 25°C unless otherwise specified
0
0
0.2
0.4
0.6
0.8
1.0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3)
-V
, COLLECTOR-EMITTER VOLTAGE (V)
Fig. 2 Typical Collector Current vs.
Collector-Emitter Voltage
CE
-I
COLLECTOR CURRENT (A)
Fig. 4 Typical Collector-Emitter Saturation
Voltage vs. Collector Current
C,
-I , COLLECTOR CURRENT (A)
Fig. 3 Typical DC Current Gain vs.
Collector Current
C
0
1
-I
COLLECTOR CURRENT (A)
Fig. 5 Typical Base-Emitter Turn-On
Voltage vs. Collector Current
C,
-I
COLLECTOR CURRENT (A)
Fig. 6 Typical Base-Emitter Saturation
Voltage vs. Collector Current
C,
DS31102 Rev. 6 - 3
2 of 4
www.diodes.com
DCP69A/-16
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com