Electronic Components Datasheet Search
  English  ▼

X  

DCP69A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DCP69A
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCP69A Datasheet(HTML) 3 Page - Diodes Incorporated

  DCP69A Datasheet HTML 1Page - Diodes Incorporated DCP69A Datasheet HTML 2Page - Diodes Incorporated DCP69A Datasheet HTML 3Page - Diodes Incorporated DCP69A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS31102 Rev. 6 - 3
3 of 4
www.diodes.com
DCP69A/-16
© Diodes Incorporated
V
REVERSE VOLTAGE (V)
Fig. 7 Typical Capacitance Characteristics
R,
NOT RECOMMENDED FOR NEW
DESIGNS, USE DCP69/-16
0
50
100
150
200
250
300
0
2040
6080
1
-I , COLLECTOR CURRENT (mA)
C
00
Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current
V
= -5V
f = 100MHz
CE
Ordering Information (Note 5)
Device
Packaging
Shipping
DCP69A-13
SOT-223
2500/Tape & Reel
DCP69A-16-13
SOT-223
2500/Tape & Reel
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
(Top View)
YWW
XXX = Product type marking code ex.
P12A = DCP69A
P12A-16 = DCP69A-16
= Manufacturer’s code marking
YWW = Date code marking
Y = Last digit of year ex: 7
7
= 200
WW = Week code 01 - 52
Package Outline Dimensions
SOT-223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
—
—
4.60
e1
—
—
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com